Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

Marking, IDP2303 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # IDP2303
Description  The IDP2303 is a multi-mode PFC and LLC controller combined with a floating high side driver and a startup cell.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDP2303 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button IDP2303 Datasheet HTML 28Page - Infineon Technologies AG IDP2303 Datasheet HTML 29Page - Infineon Technologies AG IDP2303 Datasheet HTML 30Page - Infineon Technologies AG IDP2303 Datasheet HTML 31Page - Infineon Technologies AG IDP2303 Datasheet HTML 32Page - Infineon Technologies AG IDP2303 Datasheet HTML 33Page - Infineon Technologies AG IDP2303 Datasheet HTML 34Page - Infineon Technologies AG IDP2303 Datasheet HTML 35Page - Infineon Technologies AG IDP2303 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
IDP2303
DigitalMulti-ModePFC+LLCComboController
Datasheet
32
Rev.V2.0,2017-03-21
Parameters
Symbol
Values Unit Note/TestCondition
Min. Typ. Max.
VCCTun_Off1thresholdinburst
offmode2
VVCCoff_burst_off 9.97 10.5 11.03 V VCCTun_Off1
thresholdinburstoff
mode2
VCCquiescentcurrentinburst
offmode2,notincludecurrent
drawnfromHBFBpin3 IVCC_burst_off — 0.6 1.4 mA T
j≤
85°C
— — 3.3 mA Tj≤125°C
ICPowerdownthreshold VVCC_PD 5.7 6 6.3 V
VCCquiescentcurrentinPower
downmode
IVCC_PD 5 20 40 µA VVCC<VVCC_PD(min)–
0.3V
1
VCCTurn_OffmeansICisinUVLOmodeandthestartupcellisturnedon.
2
BurstonandburstoffmodearebothinburstmodewhilethecurrentconsumptionoftheICissameasinnormalmodeduring
burstonmodeandtheprocessoristurnedoffinburstoffmode(refertoFigure4).
3
Totalcurrentinburstoffmode=IVCC_burst_off+VHBFB_open/RHBFB_PU,refertoFigure3forinternalconnectionofHBFBpin.
4.4.2 CharacteristicsoftheMFIOPin
Table 21
ElectricalCharacteristicsoftheMFIOPin
Parameters
Symbol
Values Unit Note/TestCondition
Min. Typ. Max.
Outputlowvoltage
VOL — — 0.8 V IOL=2mA
Outputhighvoltage
VOH 2.2 — — V IOH=–2mA
Outputsinkcurrent
IOL — — 2 mA
Outputsourcecurrent
-IOH — — 2 mA
Outputrisetime(0→1) tRISE — — 25 ns 20pFload,push/pull
output1
Outputfalltime(1→0) tFALL — — 25 ns 20pFload,push/pull
oropen-drainoutput1
1
Nottestedinproductiontest.
4.4.3 CharacteristicsoftheHBFBPin
Table 22
ElectricalCharacteristicsoftheHBFBPin1
Parameters
Symbol
Values
Unit Note/TestCondition
Min. Typ. Max.
HBFBopenvoltage
VHBFB_open 3.04 3.20 3.36 V
Pull-upresistor
RHBFB_PU — 9 — kΩ
Pull-upresistortolerance ΔRHBFB_PU — — ±20 %
1
Nottestedinproductiontest.
4.4.4 CharacteristicsoftheCurrentSenseInputsCSx
Table 23
ElectricalCharacteristicsoftheCSxPin
Parameters
Symbol
Values
Unit Note/TestCondition
Min. Typ. Max.
OCP2thresholdvoltage VOCP2 — 1.2 — V
OCP2thresholdtolerance ΔVOCP2 — — ±5 % voltagedivider
tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com