| Electronic Components Datasheet Search |
|
LPS Marking, LP3220 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP3220 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc |
|
3 / 12 page ![]() LP3220-02 Jun.-2015 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 3 of 12 Preliminary Datasheet LP3220 Function Diagram osc Slope compensation Control logic Current limit Comp. Current comp. 0.6V REF VIN EN 1 5 FB VREF EA Over voltege Comp. 0.6V VIN LX GND 4 3 2 PWM Comp. + + + + + - - - - - shutdown VREF Absolute Maximum Ratings Note 1 Input Voltage to GND --------------------------------------------------------------------------------------------------- 6.5V Output Voltage to GND ------------------------------------------------------------------------------------------------ 6.0V Other pin Voltage to GND --------------------------------------------------------------------------------------------- 6.0V Maximum Junction Temperature ---------------------------------------------------------------------------------- 150℃ Operating Ambient Temperature Range (TA) -------------------------------------------------------- -40℃ to 85℃ Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260℃ Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Thermal Information Maximum Power Dissipation (SOT23-5, PD,TA=25℃) ------------------------------------------------------ 0.45W Thermal Resistance (SOT23-5, θJA) ------------------------------------------------------------------------- 250℃/W ESD Susceptibility HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |