Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

LPS Marking, LP3368 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3368
Description  Dual Channel Charge Pump LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3368 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3368 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LP3368-02
May. -2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 8
Preliminary Datasheet
LP3368
Electrical Characteristics
(VIN =VEN = 3.6V, CIN = COUT = 4.7uF , C1=C2=2uF, Typical values are TA=25℃ )
Symbol
Parameter
Conditions
LP3368
Unit
Min.
Typ.
Max.
VIN
Input Voltage
2.7
5.5
V
RCH1
Charge Pump Equivalent
Resistance (2×mode )
VIN = 3.6V, VFB = 0V
5
Ω
RCH2
Charge Pump Equivalent
Resistance (1×mode )
VIN = 3.6V
0.4
0.7
Ω
IQ
Quiescent Current
VIN=2.7V-5.5V, FLASH = GND,
1×mode, ILOAD = 100uA
0.48
3
mA
FLASH = High, 2×mode
2
3.5
ISHDN
Shutdown Current
EN = GND, VIN = 5.5V
1
µA
VFB
FB Reference Voltage
FLASH = GND
45
50
55
mV
FLASH = High, RSET = 95kΩ
138
150
162
FB Reference Voltage Range
FLASH = High, Guaranteed by design
100
400
mV
IFB
FB Current
VFB = 0.3V
0.5
uA
FOSC
Oscillator Frequency
2
MHz
VOL
EN,FLASH Logic Low
0.4
V
VOH
EN,FLASH Logic High
1.4
V
IEN
EN,FLASH Pin Current
0.5
uA
TOUT
VOUT Turn-On Time
VIN = 3.6V,
FB within 90% of regulation
100
500
us
TSD
Thermal Shutdown Temperature
145
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com