| Electronic Components Datasheet Search |
|
LPS Marking, LP3983S Datasheet(PDF) 4 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP3983S Datasheet(HTML) 4 Page - Lowpower Semiconductor inc |
|
4 / 8 page ![]() LP3983S-06 May.-2017 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 4 of 8 Preliminary Datasheet LP3983S Electrical Characteristics (VIN = VOUT + 1V, CIN = COUT =2.2µF, CFB = 22pF, TA = 25° C, unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units Output Loading Current ILOAD VEN=VIN,VIN>2.5V 300 mA Current Limit ILIM RLOAD = 1Ω 550 mA Adjustable voltage reference VFB IOUT=1mA 0.784 0.8 0.816 V Quiescent Current IQ VEN ≥ 1.2V, IOUT = 0mA 100 130 μA Dropout Voltage VDROP IOUT = 200mA, VOUT > 2.8V 140 180 mV IOUT = 300mA, VOUT > 2.8V 210 270 mV Line Regulation ΔVLINE VIN = (VOUT + 1V) to 5.5V, IOUT = 1mA 0.2 % Load Regulation ΔVLOAD 1mA < IOUT < 300mA 2 % Standby Current ISTBY VEN = GND, Shutdown 0.1 1 μA EN Input Bias Current IIBSD VEN = GND or VIN 5 uA EN Threshold Logic-Low Voltage VIL VIN=3V to 5.5V, Shutdown 0.4 V Logic-High Voltage VIH VIN=3V to 5.5V, Start-Up 1.4 VIN+ 0.3 V Output Noise Voltage 10Hz to 100kHz, IOUT=200mA COUT=1µF 300 uVRMS Power Supply Rejection Rate f = 217Hz PSRR IOUT = 100mA −70 dB f = 1kHz −58 dB Thermal Shutdown Temperature TSD 150 °C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |