| Electronic Components Datasheet Search |
|
LPS Marking, LP4061 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP4061 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc |
|
4 / 7 page ![]() LP4061-02 Mar.-2017 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 4 of 7 Preliminary Datasheet LP4061 Electrical Characteristics (Over 0℃≤TJ≤125°C and recommended supply voltage) Symbol Parameter Condition Min Typ Max Units VCC Input Supply Voltage 4.35 6.5 V ICC Input Supply Current Charge Mode (Note 4),RPROG=10k 350 2000 μA Standby Mode (Charge Terminated) 200 500 μA Shutdown Mode (RPROG NC, VCC<VBAT, or VCC<VUV) 25 50 μA VFLOAT Regulated Output (Float) Voltage 0℃≤TA≤85℃, IBAT=40mA 4.158 4.2 4.242 V IBAT BAT Pin Current RPROG=10k, Current Mode 100 120 mA RPROG=2k, Current Mode 500 600 mA Standby Mode, VBAT=4.2V -2.5 -6 μA Shutdown Mode (RPROG NC) ± 1 ± 2 μA Sleep Mode, VCC=0V ± 1 ± 2 μA ITRIKL Trickle Charge Current VBAT<VTRIKL, RPROG=2k 30 mA VTRIKL Trickle Charge Threshold Voltage RPROG=10k, VBAT Rising 2.8 2.9 3.0 V VTRHYS Trickle Charge Hysteresis Voltage RPROG=10k 60 80 110 mV VUV VCC Undervoltage Lockout Threshold From VCC Low to High 3.55 3.7 3.85 V VUVHYS VCC Undervoltage Lockout Hysteresis 200 mV VASD VCC–VBAT Lockout Threshold Voltage VCC from Low to High 100 mV VCC from High to Low 80 mV ITERM C/10 Termination Current Threshold RPROG=10k&2K 10 % IBAT VPROG PROG Pin Voltage RPROG=10k, Current Mode 1 V ISTAT STAT Pin Weak Pull-Down Current VSTAT=5V 5 μA VSTAT STAT Pin Output Low Voltage ISTAT=5mA 0.35 0.6 V ΔVRECHRG Recharge Battery Threshold Voltage VFLOAT-VRECHRG 100 150 200 mV TLIM Junction Temperature in Constant Temperature Mode 150 ℃ RON Power FET “ON” Resistance (Between VCC and BAT) 600 mΩ tSS Soft-Start Time IBAT=0 to IBAT=850V/RPROG 100 μs |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |