| Electronic Components Datasheet Search |
|
A6 Marking, BAS16 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
||||||||||||||||||||||||||||||
BAS16 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
1 / 3 page ![]() Production specification Surface mount switching diode BAS16 C026 www.gmesemi.com Rev.A 1 FEATURES Fast switching speed. Surface mount package ideally suited for Automatic insertion. For general purpose switching applications. High conductance. APPLICATIONS High speed switching application. SOT-23 ORDERING INFORMATION Type No. Marking Package Code BAS16 A6 SOT-23 MAXIMUM RATING @ Ta=25 ℃ unless otherwise specified Characteristic Symbol Limits Unit Repetitive Peak reverse voltage VRM 85 V DC Reverse Voltage VR 75 V Forward Continuous Current IF 250 mA Non-Repetitive Peak Forward Surge Current @t=1.0 μs IFSM 4.5 A Power Dissipation TS=54℃ Pd 370 mW Thermal Resistance Junction to Ambient Air RθJA 375 ℃/W Operating Junction Temperature Range Tj 150 ℃ Storage Temperature Range TSTG -65 to +150 ℃ Pb Lead-free |
Similar Description - BAS16 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |