| Electronic Components Datasheet Search |
|
A6 Marking, BAS16X Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited |
|
||||||||||||||||||||||||||||||
BAS16X Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited |
|
2 / 3 page ![]() Production specification High speed Switching Diode BAS16X H008 www.gmesemi.com Rev.A 2 ELECTRICAL CHARACTERISTICS @ Ta=25 ℃ unless otherwise specified Parameter Symbol Min. Typ. Max. Unit Conditions Reverse breakdown voltage V(BR)R 85 V IR=100 μA Forward voltage VF 0.715 0.815 1 1.25 V IF=1mA IF=10mA IF=50mA IF=150mA Reverse current IR 2.0 30 μA nA VR=75V VR=25V Diode capacitance Cd 1.5 pF VR=0V,f=1MHz Reverse recovery time trr 4 ns IF=IR=10mA,RL=100 Ω TYPICAL CHARACTERISTICS @ Ta=25 ℃ unless otherwise specified |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |