| Electronic Components Datasheet Search |
|
2X Marking, MM3Z33 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
||||||||||||||||||||||||||||||
MM3Z33 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
2 / 3 page ![]() Characteristics at Ta = 25 °C (1) VZT is tested with pulses (20 ms) Type Marking Zener Voltage Range (1) VZT (at I ) ZT IZT Dynamic Impedance Reverse Current Z ZT (at I ) ZT IR at VR Max (Ω) Max (μA) (V) Nom (V) Min (V) Max (V) (mA) 3.3 3.6 3.9 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 4.3 24 2.4 2.7 3.0 MM3Z2V0 MM3Z2V2 MM3Z2V4 MM3Z2V7 MM3Z3V0 MM3Z3V3 MM3Z3V6 MM3Z3V9 MM3Z4V3 MM3Z4V7 MM3Z5V1 MM3Z5V6 MM3Z6V2 MM3Z6V8 MM3Z7V5 MM3Z8V2 MM3Z9V1 MM3Z10 MM3Z11 MM3Z12 MM3Z13 MM3Z15 MM3Z16 MM3Z18 MM3Z20 MM3Z22 MM3Z24 MM3Z27 MM3Z30 MM3Z33 MM3Z36 MM3Z39 MM3Z43 MM3Z47 MM3Z51 MM3Z56 MM3Z62 MM3Z68 MM3Z75 2.28 2.5 2.8 3.1 3.4 3.7 4 4.4 4.8 5.2 5.8 6.4 7 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 2.56 2.9 3.2 3.5 3.8 4.1 4.6 5 5.4 6 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 30 27 43 47 51 62 68 75 56 33 36 39 B0 C0 1C 1D 1E 1F 1H 1J 1K 1M 1N 1P 1R 1X 1Y 1Z 2A 2B 2C 2D 2E 2F 2H 2J 2K 2M 2N 2P 2R 2X 2Y 2Z 3A 3B 3C 3D 3E 3F 3H 1.8 2.08 2.0 2.2 2.15 2.33 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2 100 100 100 110 120 130 130 130 130 130 130 80 50 30 30 30 30 30 30 35 35 40 40 45 50 55 60 70 80 80 90 100 130 150 180 200 215 240 265 120 120 120 120 50 20 10 5 5 2 2 1 1 0.5 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.5 0.7 1 1 1 1 1 1 1 1 1.5 2.5 3 3.5 4 5 6 7 8 9 10 11 12 13 15 17 19 21 23 25 27 30 33 36 39 43 47 52 56 MM3Z2V0 THRU MM3Z75 www.yfwdiode.com |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |