| Electronic Components Datasheet Search |
|
DAPA Marking, ISL9012IRNJZ Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
||||||||||||||||||||||||||||||
ISL9012IRNJZ Datasheet(HTML) 6 Page - Renesas Technology Corp |
|
6 / 12 page ![]() ISL9012 FN9220 Rev 4.00 Page 6 of 12 December 10, 2015 FIGURE 8. VO1 DROPOUT VOLTAGE vs LOAD CURRENT FIGURE 9. GROUND CURRENT vs INPUT VOLTAGE FIGURE 10. GROUND CURRENT vs LOAD FIGURE 11. GROUND CURRENT vs TEMPERATURE FIGURE 12. POWER-UP/POWER-DOWN FIGURE 13. POWER-UP/POWER-DOWN WITH POR SIGNALS Typical Performance Curves (Continued) 100 125 150 175 75 50 25 0 25 50 75 100 125 150 175 200 0 OUTPUT LOAD (mA) VO1 = 3.3V +85 C +25 C -40 C 30 35 40 45 55 25 4.0 5.0 6.5 INPUT VOLTAGE (V) 50 3.0 3.5 4.58 5.5 6.0 IO (BOTH CHANNELS) = 0µA VO1 = 3.3V VO2 = 2.8V -40 C +25 C +125 C 200 160 100 20 0 50 100 150 200 250 400 0 LOAD CURRENT (mA) 350 300 VO1 = 3.3V VIN = 3.8V VO2 = 2.8V 40 60 80 120 140 180 +85 C -40 C +25 C 35 25 -10 20 50 110 -40 TEMPERATURE ( C) 45 50 55 40 30 -25 5 35 80 65 95 125 VIN = 3.8V VO = 3.3V ILOAD = 0µA BOTH OUTPUTS ON 2 3 4 5 1 0 12 34 5 6 7 10 TIME (s) 89 VO2 VO1 VIN 0 VO1 = 3.3V VO2 = 2.8V IL1 = 150mA IL2 = 300mA 1.5 2.0 2.5 3.0 1.0 0.5 0.5 1.0 1.5 2.0 2.5 3.0 3.5 5.0 0 TIME (s) 4.0 4.5 VO-1 POR VO-2 0 3.5 VO1 = 3.3V VO2 = 2.8V IL1 = 150mA IL2 = 300mA CPOR = 0.1µF |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |