| Electronic Components Datasheet Search |
|
L43 Marking, BAT54C Datasheet(PDF) 2 Page - Vishay Siliconix |
|
||||||||||||||||||||||||||||||
BAT54C Datasheet(HTML) 2 Page - Vishay Siliconix |
|
2 / 5 page ![]() www.vishay.com 2 Document Number 85508 Rev. 1.6, 24-Nov-04 BAT54 / 54A / 54C / 54S Vishay Semiconductors Thermal Characteristics Tamb = 25 °C, unless otherwise specified 1) Device on fiberglass substrate, see layout on next page. Electrical Characteristics Tamb = 25 °C, unless otherwise specified Layout for RthJA test Thickness: Fiberglass 1.5 mm (0.059 in.) Copper leads 0.3 mm (0.012 in.) Parameter Test condition Symbol Value Unit Thermal resistance junction to ambiant air RthJA 4301) °C/W Junction temperature Tj = Tstg - 65 to + 150 °C Storage temperature range TS - 65 to + 150 °C Parameter Test condition Symbol Min Typ. Max Unit Reverse Breakdown voltage IR = 100 µA pulses V(BR) 30 V Leakage current Pulse test tp < 300 µs, δ < 2 % at VR = 25 V IR 2 µA Forward voltage IF = 0.1 mA, tp < 300 µs, δ < 2 % VF 240 mV IF = 1 mA, tp < 300 µs, δ < 2 % VF 320 mV IF = 10 mA, tp < 300 µs, δ < 2 % VF 400 mV IF = 30 mA, tp < 300 µs, δ < 2 % VF 500 mV IF = 100 mA, tp < 300 µs, δ < 2 % VF 1000 mV Diode capacitance VR = 1 V, f = 1 MHz Ctot 10 pF Reverse recovery time IF = 10 mA through IR = 10 mA to Irr = 1mA, RL = 100 Ω trr 5ns 17451 15 (0.59) 12 (0.47) 0.8 (0.03) 5 (0.2) 7.5 (0.3) 3 (0.12) 1 (0.4) 1 (0.4) 2 (0.8) 2 (0.8) 1.5 (0.06) 5.1 (0.2) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |