| Electronic Components Datasheet Search |
|
L44 Marking, BAT54S Datasheet(PDF) 1 Page - Vishay Siliconix |
|
||||||||||||||||||||||||||||||
BAT54S Datasheet(HTML) 1 Page - Vishay Siliconix |
|
1 / 5 page ![]() BAT54 / 54A / 54C / 54S Document Number 85508 Rev. 1.6, 24-Nov-04 Vishay Semiconductors www.vishay.com 1 Top View Top View BAT54 BAT54C BAT54A BAT54S 18034 12 3 12 3 12 3 12 3 Small Signal Schottky Diodes, Single & Dual Features • These diodes feature very low turn-on voltage and fast switching. • These devices are protected by a PN junction guard ring against excessive voltage, such as electrostatic discharges. Mechanical Data Case: SOT-23 Plastic case Weight: approx. 8.8 mg Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 3 k per 7" reel (8 mm tape), 15 k/box Parts Table Absolute Maximum Ratings Tamb = 25 °C, unless otherwise specified 1) Device on fiberglass substrate, see layout on next page. Part Ordering code Marking Remarks BAT54 BAT54-GS18 or BAT54-GS08 L4 Tape and Reel BAT54A BAT54A-GS18 or BAT54A-GS08 L42 Tape and Reel BAT54C BAT54C-GS18 or BAT54C-GS08 L43 Tape and Reel BAT54S BAT54S-GS18 or BAT54S-GS08 L44 Tape and Reel Parameter Test condition Symbol Value Unit Repetitive peak reverse voltage VRRM 30 V Forward continuous current IF 2001) mA Repetitive peak forward current IFRM 3001) mA Surge forward current current tp < 1 s IFSM 6001) mA Power dissipation Ptot 230 mW |
Similar Description - BAT54S |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |