| Electronic Components Datasheet Search |
|
J3Y Marking, S8050 Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd. |
|
||||||||||||||||||||||||||||||
S8050 Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd. |
|
1 / 2 page ![]() Silicon Epitaxial Planar Transistor S8050 FEATURES High Collector Current.(IC= 500mA ) Complementary To S8550. Excellent HFE Linearity. High total power dissipation.(PC=300mW) APPLICATIONS High Collector Current. ORDERING INFORMATION Type No. Marking Package Code S8050 J3Y SOT-23 MAXIMUM RATING @ Ta=25℃ unless otherwise specified Symbol Parameter Value Units VCBO Collector-Base Voltage 40 V VCEO Collector-Emitter Voltage 25 V VEBO Emitter-Base Voltage 5 V IC Collector Current -Continuous 500 mA PC Collector Dissipation 300 mW Tj,Tstg Junction and Storage Temperature -55~150 ℃ 1of 2 ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified Parameter Symbol Test conditions MIN TYP MAX UNIT Collector-base breakdown voltage V(BR)CBO IC=100μA,IE=0 40 V Collector-emitter breakdown voltage V(BR)CEO IC=0.1mA,IB=0 B 25 V Emitter-base breakdown voltage V(BR)EBO IE=100μA,IC=0 5 V Collector cut-off current ICBO VCB=40V,IE=0 0.1 μA Collector cut-off current ICEO VCE=20V,IB=0 B 0.1 μA Emitter cut-off current IEBO VEB=5V,IC=0 0.1 μA VCE=1V,IC=50mA 120 350 DC current gain hFE VCE=1V,IC=500mA 50 Collector-emitter saturation voltage VCE(sat) IC=500mA, IB= 50mA B 0.6 V Base-emitter saturation voltage VBE(sat) IC=500mA, IB= 50mA B 1.2 V Transition frequency fT VCE=6V, IC= 20mA f=30MHz 150 MHz A E J L TOP VIEW M B C H G D K C B E SOT-23 Dim Min Max A 0.37 0.51 B 1.20 1.40 C 2.30 2.50 D 0.89 1.03 E 0.45 0.60 G 1.78 2.05 H 2.80 3.00 J 0.013 0.10 K 0.903 1.10 L 0.45 0.61 M 0.085 0.180 a 0 ° 8 ° All Dimensions in mm E B C |
Similar Description - S8050 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |