| Electronic Components Datasheet Search |
|
DAPK Marking, MBR10150CS Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited |
|
||||||||||||||||||||||||||||||
MBR10150CS Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited |
|
1 / 2 page ![]() INCHANGE Semiconductor isc website:www.iscsemi.com isc & iscsemi is registered trademark 1 Schottky Barrier Rectifier MBR10150CS FEATURES · With TO-252(DPAK) packaging · Low power loss · High efficiency · High frequency operation · High surge capacity · Minimum Lot-to-Lot variations for robust device performance and reliable operation APPLICATIONS · Switching power supply · High frequency inverters · Freewheeling diodes · Reverse battery protection · Polarity protection applications ABSOLUTE MAXIMUM RATINGS(Ta=25℃) SYMBOL PARAMETER VALUE UNI T VRRM VRMS VR Peak Repetitive Reverse Voltage RMS Voltage DC Blocking Voltage 150 V IF(AV) Average Rectified Forward Current @Tc=142℃ 5 A IF(RMS) Forward rms current@Tc=142℃ 10 A IFSM Nonrepetitive Peak Surge Current (10ms single half sine-wave superimposed on rated load conditions,60Hz) 100 A TJ Junction Temperature -65~150 ℃ Tstg Storage Temperature Range -65~150 ℃ |
Similar Description - MBR10150CS |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |