| Electronic Components Datasheet Search |
|
Z9/KZ9 Marking, BZX84C10 Datasheet(PDF) 1 Page - SEC Electronics Inc. |
|
||||||||||||||||||||||||||||||
BZX84C10 Datasheet(HTML) 1 Page - SEC Electronics Inc. |
|
1 / 3 page ![]() Elektronische Bauelemente BZX84Cxxx Series 300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes 02-Mar-2015 Rev. D Page 1 of 3 Top View A L C B D G H J F K E 1 2 3 1 2 3 RoHS Compliant Product A suffix of “-C” specifies halogen & lead-free FEATURES Planar Die Construction 300 mW Power Dissipation on FR-5 PCB General Purpose, Medium Current Ideally Suited for Automated Assembly Process Zener Voltages from 2.4V – 39V Ultra-Small Surface Mount Package Power Dissipation MECHANICAL DATA Case: SOT-23, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagrams Weight: 0.008 g (Approximately) Marking: Marking Code (See Table On Page 2) THERMAL CHARACTERISTICS CHARACTERISTIC SYMBOL VALUE UNITS Forward Voltage (Note 2) @IF=10 mA VF 0.9 V Power Dissipation (Note1) PD 300 mW Thermal Resistance, Junction to Ambient RθJA 417 °C / W Operating and Storage Temperature Range TJ, TSTG -65 to +150 °C Notes: 1. Valid provided that device terminals are kept at ambient temperature.. 2. Test with pulses. Period = 5 ms, pulse width =300 μs SOT-23 Millimeter Millimeter REF. Min. Max. REF. Min. Max. A 2.80 3.04 G 0.09 0.18 B 2.10 2.55 H 0.45 0.60 C 1.20 1.40 J 0.08 0.177 D 0.89 1.15 K 0.6 REF. E 1.80 2.00 L 0.89 1.02 F 0.30 0.50 |
Similar Description - BZX84C10 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |