Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

0410 Marking, SSM0410-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM0410-C
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM0410-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSM0410-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM0410-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM0410-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM0410-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSM0410-C
3.5A, 100V, RDS(ON) 148m
N-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
26-Oct-2017 Rev. D
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
100
-
-
V
VGS=0, ID=250uA
Gate Threshold Voltage
VGS(th)
1
-
2.5
V
VDS=10V, ID=250uA
Forward Transfer Conductance
gfs
-
4
-
S
VDS=5V, ID=2A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=80V, VGS=0, TJ=25°C
-
-
10
VDS=80V, VGS=0, TJ=55°C
Drain-Source On Resistance
4
RDS(ON)
-
-
148
m
VGS=10V, ID=2.6A
-
-
150
VGS=4.5V, ID=1.7A
Total Gate Charge
Qg
-
20
-
nC
VGS=10V
VDS=50V
ID=6A
Gate-Source Charge
Qgs
-
4
-
Gate-Drain Charge
Qgd
-
5
-
Turn-on Delay Time
Td(on)
-
17.3
-
nS
VDD=50V
VGS=10V
ID=1A
RG=3.3
RL=50
Rise Time
Tr
-
2.8
-
Turn-off Delay Time
Td(off)
-
50
-
Fall Time
Tf
-
2.8
-
Input Capacitance
Ciss
-
1077
-
pF
VDS=15V
VGS=0
f=1MHz
Output Capacitance
Coss
-
46
-
Reverse Transfer Capacitance
Crss
-
32
-
Source-Drain Diode
Continuous Source Current
1
IS
-
-
3.5
A
Pulsed Source Current
3
ISM
-
-
14
Diode Forward Voltage
4
VSD
-
-
1.2
V
IS=1A, VGS=0
Reverse Recovery Time
trr
-
26
-
nS
IF=6A, dI/dt=100A/µs
TJ=25°C
Reverse Recovery Charge
Qrr
-
15
-
nC
Notes:
1.
Surface mounted on a 1 inch
2 FR4 board with 2OZ copper.
2.
When mounted on Min. copper pad.
3.
Pulse width limited by Max. junction temperature.
4.
Pulse width≤300us, duty cycle≤2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com