Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

C143 Marking, DTC143ESA Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DTC143ESA
Description  NPN Digital Transistors ( Built-in Resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DTC143ESA Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DTC143ESA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DTC143ESA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTC143EM/DTC143EE/DTC143EUA
DTC143ECA/DTC143ESA
NPN Digital Transistors (Built-in Resistors)
Elektronische Bauelemente
24-Jan-2018 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit).
The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the
input. They also have the advantage of almost
completely eliminating parasitic effects.
Only the on/off conditions need to be set for
operation, making device design easy.
EQUIVALENT CIRCUIT
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise noted)
Parameter
Symbol
Limits (DTC143E□)
Unit
M
E
UA
CA
SA
Supply Voltage
VCC
50
V
Input Voltage
VIN
-10~30
V
Output Current
IO
100
mA
Power Dissipation
PD
100
150
200
300
mW
Junction & Storage Temperature
TJ, TSTG
-55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input Voltage
VI(off)
-
-
0.5
V
VCC=5V, IO=100µA
VI(on)
3
-
-
VO=0.3V, IO=20mA
Output Voltage
VO(on)
-
-
0.3
V
IO/II=10mA/0.5mA
Input Current
II
-
-
1.8
mA
VI=5V
Output Current
IO(off)
-
-
0.5
µA
VCC=50V, VI=0
DC Current Gain
GI
20
-
-
VO=5V, IO=10mA
Input Resistance
R1
3.29
4.7
6.11
K
Resistance Ratio
R2/R1
0.8
1
1.2
Transition Frequency
fT
-
250
-
MHz
VO=10V, IO=5mA, f=100MHz
Part Number
Type
DTC143EM
DTC143EE
DTC143EUA
DTC143ECA
DTC143ESA
Lead (Pb)-free
DTC143EM-C
DTC143EE-C
DTC143EUA-C
DTC143ECA-C
DTC143ESA-C
Lead (Pb)-free and Halogen-free
DTC143EM (SOT-723)
MARKING:23
DTC143EE (SOT-523)
MARKING:23
DTC143EUA (SOT-323)
MARKING:23
DTC143ECA (SOT-23)
MARKING:23
DTC143ESA (TO-92S)
MARKING:
C143
E
Date Code


Similar Description - DTC143ESA

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
NPN Digital Transistors (Built-in Resistors)
DTC143XE SECOS-DTC143XE_12 Datasheet
156Kb / 2P
NPN Digital Transistors(Built-in Resistors)
logo
Cystech Electonics Corp...
DTD143TN3 CYSTEKEC-DTD143TN3_12 Datasheet
191Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTC144EY3 CYSTEKEC-DTC144EY3_15 Datasheet
435Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTC144EC3 CYSTEKEC-DTC144EC3_15 Datasheet
424Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTC143EN3 CYSTEKEC-DTC143EN3_11 Datasheet
248Kb / 6P
NPN Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com