| Electronic Components Datasheet Search |
|
A19T Marking, SLS3401 Datasheet(PDF) 2 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD. |
|
||||||||||||||||||||||||||||||
SLS3401 Datasheet(HTML) 2 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD. |
|
2 / 3 page ![]() SLS SEMICONDUCTOR (SHENZHEN) CO.,LTD. SOT-23 封装半导体场效应管/SOT-23 Plastic-Encapsulate MOSFETS 电性能参数/Electrical characteristics (Ta=25℃) 参数 符号 测试条件 最小值 典型值 最大值 单位 静态/Static Characteristics 源极-漏极击穿电压 V BR(DSS) V GS=OV,ID=-250μA -30 V 栅极开启电压 V GS(th) I D=-250μA, VGS=VDS -0.7 -1.3 V 栅极漏电流 I GSS V GS=±12V,VDS=0V ±100 nA 零栅压漏极电流 I DSS V GS=0V, VDS=-24V -1 µA 漏极源极导通电阻 R DS(ON) V GS=-10V,ID=-4.2A 65 mΩ V GS=-4.5V,ID=-4A 75 V GS=-2.5V,ID=-1A 90 正向跨导 ① gfs V DS=-5V,ID=-5A 7 S 动态/Dynamic Characteristics 输入电容 ② C iss V DS=-15V,VGS=0V,f=1MHz 954 pF 输出电容 ② C oss 115 反向传输电容 ② C rss 77 开关参数/Switching Characteristics 总栅极充电电荷 Q G V DS=-6V,VGS=-4.5V, I D=-2.8A 5.4 10 nC 栅极-源极充电电荷 Q GS 0.8 nC 栅极-漏极充电电荷 Q GD 1.1 nC 开启延时 ② t d(on) V DD=-10V,VGEN=-15V, R GEN=6Ω,RL=3.6Ω 6.3 ns 上升时间 ② t r 3.2 ns 关闭延时 ② t d(off) 38.2 ns 下降延时 ② t f 12 ns 漏极-源极二极管参数/Drain-source Body Diode Characteristics 二极管正向压降 ① V SD I S=-1A,VGS=0V -1 V 注:① 脉冲测试脉冲宽度≤300 µS,占空比≤2%; ② 这些参数未通过验证; |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |