| Electronic Components Datasheet Search |
|
A09T Marking, SLS3400 Datasheet(PDF) 1 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD. |
|
||||||||||||||||||||||||||||||
SLS3400 Datasheet(HTML) 1 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD. |
|
1 / 3 page ![]() SLS SEMICONDUCTOR (SHENZHEN) CO.,LTD. SOT-23 封装半导体场效应管/SOT-23 Plastic-Encapsulate MOSFETS SLS3400 (N-Channel Enhancement mode Field Effect Transistor) 印章/MARKING: A09T 特点/Features: 1、 电流能力强; 2、 导通电阻低; 用途/Applications: 用于一般开关和低压电源电路。 极限参数/Absolute maximum ratings(Ta=25℃) 参数/Parameter 符号/ Symbol 数值/Value 单位/Unit 漏极-源极电压/Drain-Source Voltage V DS 30 V 栅极-源极电压/Gate-Source Voltage V GS ±12 V 漏极电流(持续)/Continuous Drain Current I D 5.8 A 耗散功率/Power Dissipation P D 0.35 W 热阻/ Thermal Resistance Junction to Ambient R θJA 350 ℃/mW 结温/Junction Temperature Tj 150 ℃ 储存温度/Storage Temperature Tstg -55~150 ℃ |
Similar Description - SLS3400 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |