| Electronic Components Datasheet Search |
|
359B Marking, SMC5359B Datasheet(PDF) 1 Page - Anova Technologies CO., LTD. |
|
||||||||||||||||||||||||||||||
SMC5359B Datasheet(HTML) 1 Page - Anova Technologies CO., LTD. |
|
1 / 4 page ![]() SMC5338B-SMC5388B www.anova-semi.com Revision: F Oct-26-2018 P. 1 VZ: 5.1 to 200 V PD: 5 W ● ● ● ● ● ● ● ● ● ● ● ● RoHS compliant Surface Mount Zener Diodes Features SMC / DO-214AB Glass passivated chip Low leakage Built-in strain relief Low inductance High peak reverse power dissipation For use in stabilizing and clipping circuits with high power rating Polarity: Color band denotes cathode end Mechanical Data Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Solderable per MIL-STD-750, method 2026 guranteed Mounting position: Any Maximum Ratings(TA=25℃ unless otherwise noted) Parameter Symbol Value Unit DC power dissipation at TL = 75 °C PD 5 W Maximum forward voltage at IF =1A VF 1.2 V Junction temperature range TJ - 55 to + 150 °C Storage temperature range TSTG - 55 to + 150 °C |
Similar Description - SMC5359B |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |