Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

HT8310 Marking, HT8310SPT Datasheet(PDF) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8310SPT
Description  Built-in high efficiency adaptive charge pump boost, anti-shaving distortion, D/AB switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8310SPT Datasheet(HTML) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8310SPT Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8310SPT Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT8310SPT Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT8310SPT Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HT8310
Audio Amplifier Integrated with Charge Pump
Copyright ©2018, Jiaxing Heroic Technology Co., Ltd
-2-
9/2018 – V0.5
5.2W Anti-Clipping Mono Class D/AB Audio Amplifier with
Adaptive Charge Pump Regulator
FEATURE
・
4 modes of Anti-Clipping Function (ACF)
・
Adaptive Charge Pump Regulator
・
Maximum Voltage Gain: 28dB
・
Output Power
5.2W (VBAT=4.2V, RL=4Ω, THD+N=10%)
4.0W (VBAT=3.7V, RL=4Ω, THD+N=10%)
3.0W (VBAT=3.3V, RL=4Ω, THD+N=10%)
・
Efficiency
84% (VBAT = 3.7V, RL = 4 Ω, Po = 0.4W)
75% (VBAT = 3.7V, RL = 4 Ω, Po = 2.0W)
・
Power Supply
-Input VBAT:2.7V to 5.5V
-Output CPOUT:6.4V
・
Quiescent Current: 3mA
・
Shutdown Current: <1uA
・
Class AB / Class D selectable
・
Filter-less Modulation, Eliminating Output Filter
・
Over Current Protection, Thermal Protection,
Low voltage malfunction prevention function
included
・
Pb-Free Packages , SOP16L-PP, QFN16L-PP
APPLICATIONS
・
Smart Speakers
・
Wireless Speakers
・
Portable Audio Devices
・
Smart Phones
GENERAL DESCRIPTION
HT8310 is a Class D audio amplifier which can
deliver continuous 5.2W output power into a 4Ω
speaker with 4.2V battery supply when THD+N =
10%. The class D audio amplifier’s power supply is
adaptively boosted by the integrated charge pump
regulator which only works while the output power
is big enough. This will significantly extend the
playing time in battery supply applications.
HT8310 features Anti-Clipping Function (ACF)
which detects output signal clip due to the over
input signal and suppresses the output signal clip
automatically. Also, it can adapt the output clip
caused by power supply voltage down. It can
significantly improve the sound quality, creating a
very comfortable musical enjoyment, and to protect
the speakers from overload damage. It provides 4
different ACF modes and ACF OFF mode to adjust
different applications.
Class AB amplifier mode is also available for
HT8310. Once the EMI Interference from class D
and Boost Converter becomes an annoying
problem, HT8310 can be changed into Class AB
mode.
HT8310 has a filter-less modulation circuit
which directly drives speakers while realizes low
distortion and low noise characteristics. Thanks to
filter-less, circuit design with fewer external parts
can be made in portable applications.
HT8310 has an internal gain of 28dB and an
independent
Shutdown
function
which
can
minimize the power consumption. As for protection
function, over current protection function for
speaker
output
terminals,
over
temperature
protection function, and low supply voltage
malfunction preventing function are also prepared.
TYPICAL APPLICATION
2
3
CP
CN
VBAT
CFLY 4.7uF
1uF
10uF
220uF
PVBAT
AVBAT
IN-
CIN
CIN
10
OUT+
OUT-
15
12
IN+
9
RIN
RIN
PVDD
14
CPOUT
16
1uF
10uF
220uF
1uF
10R
1
8
0-GND
CGND AGND
PGND
4
5
13
ACF
6
ACF = AVBAT, ACF disabled
Otherwise, ACF enabled
CTRL
7
CTRL = L, Shutdown
CTRL = 1.1-1.5V, Class AB
CTRL > 1.8V, Class D
11
BYPASS
1uF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com