| Electronic Components Datasheet Search |
|
HT8310 Marking, HT8310SQR Datasheet(PDF) 2 Page - Jiaxing Heroic Technology Co.,Ltd. |
|
||||||||||||||||||||||||||||||
HT8310SQR Datasheet(HTML) 2 Page - Jiaxing Heroic Technology Co.,Ltd. |
|
2 / 4 page ![]() HT8310 Audio Amplifier Integrated with Charge Pump Copyright ©2018, Jiaxing Heroic Technology Co., Ltd -2- 9/2018 – V0.5 5.2W Anti-Clipping Mono Class D/AB Audio Amplifier with Adaptive Charge Pump Regulator FEATURE ・ 4 modes of Anti-Clipping Function (ACF) ・ Adaptive Charge Pump Regulator ・ Maximum Voltage Gain: 28dB ・ Output Power 5.2W (VBAT=4.2V, RL=4Ω, THD+N=10%) 4.0W (VBAT=3.7V, RL=4Ω, THD+N=10%) 3.0W (VBAT=3.3V, RL=4Ω, THD+N=10%) ・ Efficiency 84% (VBAT = 3.7V, RL = 4 Ω, Po = 0.4W) 75% (VBAT = 3.7V, RL = 4 Ω, Po = 2.0W) ・ Power Supply -Input VBAT:2.7V to 5.5V -Output CPOUT:6.4V ・ Quiescent Current: 3mA ・ Shutdown Current: <1uA ・ Class AB / Class D selectable ・ Filter-less Modulation, Eliminating Output Filter ・ Over Current Protection, Thermal Protection, Low voltage malfunction prevention function included ・ Pb-Free Packages , SOP16L-PP, QFN16L-PP APPLICATIONS ・ Smart Speakers ・ Wireless Speakers ・ Portable Audio Devices ・ Smart Phones GENERAL DESCRIPTION HT8310 is a Class D audio amplifier which can deliver continuous 5.2W output power into a 4Ω speaker with 4.2V battery supply when THD+N = 10%. The class D audio amplifier’s power supply is adaptively boosted by the integrated charge pump regulator which only works while the output power is big enough. This will significantly extend the playing time in battery supply applications. HT8310 features Anti-Clipping Function (ACF) which detects output signal clip due to the over input signal and suppresses the output signal clip automatically. Also, it can adapt the output clip caused by power supply voltage down. It can significantly improve the sound quality, creating a very comfortable musical enjoyment, and to protect the speakers from overload damage. It provides 4 different ACF modes and ACF OFF mode to adjust different applications. Class AB amplifier mode is also available for HT8310. Once the EMI Interference from class D and Boost Converter becomes an annoying problem, HT8310 can be changed into Class AB mode. HT8310 has a filter-less modulation circuit which directly drives speakers while realizes low distortion and low noise characteristics. Thanks to filter-less, circuit design with fewer external parts can be made in portable applications. HT8310 has an internal gain of 28dB and an independent Shutdown function which can minimize the power consumption. As for protection function, over current protection function for speaker output terminals, over temperature protection function, and low supply voltage malfunction preventing function are also prepared. TYPICAL APPLICATION 2 3 CP CN VBAT CFLY 4.7uF 1uF 10uF 220uF PVBAT AVBAT IN- CIN CIN 10 OUT+ OUT- 15 12 IN+ 9 RIN RIN PVDD 14 CPOUT 16 1uF 10uF 220uF 1uF 10R 1 8 0-GND CGND AGND PGND 4 5 13 ACF 6 ACF = AVBAT, ACF disabled Otherwise, ACF enabled CTRL 7 CTRL = L, Shutdown CTRL = 1.1-1.5V, Class AB CTRL > 1.8V, Class D 11 BYPASS 1uF |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |