Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

HT8691SP Marking, HT8691SP Datasheet(PDF) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8691SP
Description  7.0WD/AB class audio power amplifier with built-in BOOST boost and anti-break function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8691SP Datasheet(HTML) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8691SP Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HT8691
内置 BOOST 升压 D/AB 类音频功率放大器
版权所有
©2017, 嘉兴禾润电子科技有限公司
-1-
8/2017
– V1.2
内置BOOST升压和防破音功能的7.0W D/AB类音频功率放大器
n 特点
・防削顶失真功能(防破音, Anti-Clipping Function,
ACF)
・免滤波器数字调制,直接驱动扬声器
・输出功率
5.5W (VBAT=4.2V, PVDD= 6.5V,RL=4Ω,
THD+N=10%)
7.0W (VBAT=4.2V, PVDD= 7.0V,RL=3Ω,
THD+N=10%)
3.0W (VBAT=4.2V, PVDD= 6.5V,RL=8
Ω,
THD+N=10%)
・电源
-升压输入VBAT:2.5V至5.5V
-升压输出PVDD:VBAT至7.5V
・BOOST输出电压可调
・AB/D类可切换
・保护功能:过流/过热/欠压异常保护功能
・无铅封装, SOP8L-PP
n 应用
・蓝牙音箱
・便携式音箱
・2.1声道小音箱
・扩音器
・iphone/ipod/ipod docking
・MP4, 导航仪
・平板电脑,笔记本电脑
・智能手机
・小尺寸LCD电视/监视器
・便携式游戏机
n 概述
HT8691是一款内置BOOST升压模块的D类音
频功率放大器。内置的BOOST升压模块可通过外置
电阻调节升压值,即使是锂电池供电,在升压至6.5V
时,10% THD+N,4
Ω负载条件下能连续输出5.5W
功率;升压至7V,3
Ω负载条件下则能连续输出7.0W功
率。其支持外部设置调节BOOST输出电压。
HT8691的最大特点是防削顶失真(ACF)输出
控制功能,可检测并抑制由于输入音乐、语音信号幅
度过大所引起的输出信号削顶失真(破音),也能自
适应地防止在BOOST升压电压下降所造成的输出削
顶,显著提高音质,创造非常舒适的听音享受,并保
护扬声器免受过载损坏。同时芯片具有ACF-Off 模
式。
HT8691具有AB类和D类的自由切换功能,在受
到D类功放EMI干扰困扰时,可随时切换至AB类音频
功放模式。
HT8691内部集成免滤波器数字调制技术,能够
直接驱动扬声器,并最大程度减小脉冲输出信号的失
真和噪音。输出无需滤波网络,极少的外部元器件节
省了系统空间和成本,是便携式应用的理想选择。
此外,HT8691内置的关断功能使待机电流最小
化,还集成了输出端过流保护、片内过温保护和电源
欠压异常保护等功能。
n 典型应用图
IN+
CIN
CIN
HT8691
IN-
0.1uF
1K
Ω
1µF
10 µF
470 F
µ
1µF 10 µF
470 F
µ
0.1uF
Dx
PVDD
LX
FB
CTRL
OUT+
OUT-
Rd1
Rd2
3.3nF
10nF
1Ω
RIN
RIN
56KΩ
56KΩ
2
3
1
6
7
4
5
8
Battery
9-GND


Similar Description - HT8691SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2552 TI1-TAS2552 Datasheet
1Mb / 60P
Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
Mono Audio Amplifier with Class-G Boost and Speaker Sense
logo
Lowpower Semiconductor ...
LPA2163 POWER-LPA2163 Datasheet
1Mb / 18P
Build in EQ Function 8W Class- F Audio Amplifier With Boost Convertor Integrated
logo
Jiaxing Heroic Technolo...
HT8310 HEROIC-HT8310 Datasheet
601Kb / 4P
Built-in high efficiency adaptive charge pump boost, anti-shaving distortion, D/AB switching
HT8692 HEROIC-HT8692 Datasheet
191Kb / 3P
6.5W Class D Audio Power Amplifier with BOOST Boost and Anti-Broken
logo
Shenzhenshi YONGFUKANG ...
CS8323S YONGFUKANG-CS8323S Datasheet
779Kb / 11P
Built-in BOOST boost, constant 5.0W output power, FM undisturbed R-class audio power amplifier
CS8326S YONGFUKANG-CS8326S Datasheet
2Mb / 10P
Built-in BOOST boost
CS8350C YONGFUKANG-CS8350C Datasheet
4Mb / 10P
Built-in BOOST boost
HT8320 YONGFUKANG-HT8320 Datasheet
1Mb / 19P
Built-in high efficiency adaptive dual charge pump boost, anti-sharp distortion function, D/AB switching 2*4.5W dual channel audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM8879 HMSEMI-HM8879 Datasheet
1Mb / 10P
Mono built-in synchronous boost, long battery life, anti-breaking F-class audio amplifier
More results


Html Pages

1 2