| Electronic Components Datasheet Search |
|
A1SHB Marking, WPM2015 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd |
|
||||||||||||||||||||||||||||||
WPM2015 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd |
|
2 / 5 page ![]() SMD Type www.kexin.com.cn 2 MOSFET P-Channel MOSFET WPM2015 (KPM2015) ■ Electrical Characteristics Ta = 25℃ Parameter Symbol Test Conditions Min Typ Max Unit Drain-Source Breakdown Voltage VDSS ID=-250μA, VGS=0V -20 V Zero Gate Voltage Drain Current IDSS VDS=-16V, VGS=0V -1 uA Gate-Body leakage current IGSS VDS=0V, VGS=±8V ± 100 nA Gate Threshold Voltage VGS(th) VDS=VGS , ID=-250μA -0.4 -0.81 V VGS=-4.5V, ID=-2.7A 110 VGS=-2.5V, ID=-2.2A 150 Input Capacitance Ciss 534 Output Capacitance Coss 62 Reverse Transfer Capacitance Crss 54 Total Gate Charge Qg 7.3 Threshold Gate Charge Qg(th) 0.5 Gate Source Charge Qgs 1.25 Gate Drain Charge Qgd 1.15 Turn-On DelayTime td(on) 8 Turn-On Rise Time tr 6.4 Turn-Off DelayTime td(off) 41 Turn-Off Fall Time tf 7 Maximum Body-Diode Continuous Current IS -0.9 A Diode Forward Voltage VSD IS=-0.9A,VGS=0V -1.5 V pF nC ns mΩ VGS=-4.5V, VDS=-10V, ID=-1.2A, RG=6Ω RDS(On) Static Drain-Source On-Resistance VGS=0V, VDS=-10V, f=1MHz VGS=-4.5V, VDS=-10V, ID=-2.7A ■ Marking Marking A1SHB |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |