| Electronic Components Datasheet Search |
|
2X Marking, MMBT4401 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
||||||||||||||||||||||||||||||
MMBT4401 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
2 / 3 page ![]() ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified Parameter Symbol Test conditions MIN TYP MAX UNIT Collector-base breakdown voltage V(BR)CBO IC=100μA,IE=0 60 V Collector-emitter breakdown voltage V(BR)CEO IC=1mA,IB=0 40 V Emitter-base breakdown voltage V(BR)EBO IE=100μA,IC=0 6 V Collector cut-off current ICEX VCE=35V,VBE=-0.4V 0.1 μA Base cut-off current IBL VCE=35V,VBE=0.4V 0.1 μA DC current gain hFE VCE=1V,IC=0.1mA VCE=1V,IC=1.0mA VCE=1V,IC=10mA VCE=1V,IC=150mA VCE=2V,IC=500mA 20 40 80 100 40 300 Collector-emitter saturation voltage VCE(sat) IC=150mA, IB=15mA IC=500mA, IB=50mA 0.4 0.75 V Base-emitter saturation voltage VBE(sat) IC=150mA, IB=15mA IC=500mA, IB=50mA 0.75 0.95 1.2 V Transition frequency fT VCE=10V, IC= 20mA f=100MHz 250 MHz Collector output capacitance Cob VCB=5V,IE=0,f=1MHz 6.5 pF NPN Silicon Epitaxial Planar Transistor MMBT4401 ht t p : // www.lgesemi.com mail:lge@lgesemi.com Revision:201 70701-P1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |