Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

A1SHB Marking, DO2301B Datasheet(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # DO2301B
Description  P-Channel MOSFET uses advanced trench technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

DO2301B Datasheet(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  DO2301B Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. DO2301B Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. DO2301B Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. DO2301B Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.doingter.cn
—
2 —
DO2301B
Electrical Characteristics:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=-250μA
-20
---
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=-20V
---
---
-1
μA
IGSS
Gate-Source Leakage Current
VGS=±12V, VDS=0A
---
---
±100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=-250μA
-0.4
-0.7
-1
V
RDS(ON)
Drain-Source On Resistance
VGS=-4.5V,ID=-3A
---
65
90
mΩ
VGS=-2.5V,ID=-3A
---
89
120
GFS
Forward Transconductance
VDS=-5V, ID=-2A
---
8
---
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS=-10V, VGS=0V, f=1MHz
---
480
---
pF
Coss
Output Capacitance
---
83
---
Crss
Reverse Transfer Capacitance
---
54
---
Switching Characteristics
td(on)
Turn-On Delay Time
---
11
ns
tr
Rise Time
---
52
ns
td(off)
Turn-Off Delay Time
---
17
ns
tf
Fall Time
---
10
ns
Qg
Total Gate Charge
VGS=-4.5V, VDS=-10V,
ID=-3
---
4
nC
Qgs
Gate-Source Charge
---
0.7
nC
Qgd
Gate-Drain “Miller” Charge
---
1.2
---
nC
Drain-Source Diode Characteristics
VSD
Source-Drain Diode Forward Voltage
1
VGS=0V,IS=-3A
---
---
-1.2
V
ISD
---
---
-3
A
Notes:
VDD=-10V,ID=-1A,
R L=2.8
Ω
VGS=-4.5V,RG=6Ω
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
Source-Drain Current(Body Diode)
---
---
---
---
---
---



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com