| Electronic Components Datasheet Search |
|
K72 Marking, PJM7002KNSA Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
||||||||||||||||||||||||||||||
PJM7002KNSA Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
1 / 8 page ![]() PJM7002KNSA N-Enhancement Field Effect Transistor 1 / 8 www.pingjingsemi.com Revision:2.2 Feb-2019 Features Fast switching Low gate charge and RDS(ON) Low reverse transfer capacitances ESD protected(HBM) up to 2KV Applications PWM applications Load switch Power management SOT-23 1. Gate 2.Source 3.Drain Marking: K72 D S G Absolute Maximum Ratings (TC=25℃, unless otherwise noted) Parameter Symbol Value Unit Drain-Source Voltage VDS 60 V Gate-Source Voltage VGS ±20 V Continuous Drain Current ID 0.3 A Power Dissipation PD 0.35 W Junction Temperature TJ 150 ℃ Storage Temperature Range TSTG -55 to 150 Thermal Characteristics Parameter Symbol Typ. Units Maximum Junction-to-Ambient RθJA 357 °C/W ℃ |
Similar Description - PJM7002KNSA |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |