Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

L44 Marking, BAT54S Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # BAT54S
Description  Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BAT54S Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BAT54S Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BAT54S Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BAT54S Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 / 3
www.pingjingsemi.com
Revis
ion:1.0 Oct-2017
Symbol
Dimensions in millimeter
Min.
Typ.
Max.
A
0.900
1.025
1.150
A1
0.000
0.050
0.100
b
0.300
0.400
0.500
c
0.080
0.115
0.150
D
2.800
2.900
3.000
E
1.200
1.300
1.400
HE
2.250
2.400
2.550
e
1.800
1.900
2.000
L1
0.550REF
L
0.300
0.500
θ
0°
8°
Device
Package
Reel Dimension (inch)
Shipping
Quantity
BA
T54 Series
SOT-23
7
3,000
Package Outline (SOT-23)
Ordering Information
BAT54 Series
S
chottky Barrier Diodes



Html Pages

1 2 3