| Electronic Components Datasheet Search |
|
DAP* Marking, 2SD1664-P Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
||||||||||||||||||||||||||||||
2SD1664-P Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
1 / 4 page ![]() 2SD1664 SOT-89 1 / 4 www.yfwdiode.com Dongguan YFW Electronics Co, Ltd. 1 2 3 ■ Simplified outline(SOT-89) 1.Base 2.Collector 3.Emitter NPN Transistors Features Low VCE(sat) Compliments to 2SB1132 Absolute Maximum Ratings Ta = 25 ti n U g n it a R l o b m y S r e t e m a r a P V e g a tl o V e s a B -r o t c e ll o C CBO 40 V V e g a tl o V r e tt i m E -r o t c e ll o C CEO 32 V V e g a tl o V e s a B -r e tt i m E EBO 5 V A 1 ) C D ( t n e rr u C r o t c e ll o C PW A 2 2 / 1 = y t u d , s m 0 2 = P n o it a p i s s i D r e w o P r o t c e ll o C C * 0.5 W T e r u t a r e p m e t n o it c m u J j 150 T e g n a R e r u t a r e p m e t e g a r o t S stg -55 to +150 * mounted on a 40x40x0.7mm ceramic board. IC Electrical Characteristics Ta = 25 hFE Classification Parameter Symbol Test Conditions Min Typ Max Unit Collector- base breakdown voltage VCBO Ic= 50 μA, IE= 0 40 Collector- emitter breakdown voltage VCEO Ic= 1 mA, IB= 0 32 Emitter - base breakdown voltage VEBO IE= 50μA 5 Collector-base cut-off current ICBO VCB= 20 V , IE= 0 0.5 Emitter cut-off current IEBO VEB= 4V , IC=0 0.5 Collector-emitter saturation voltage VCE(sat) IC=500 mA, IB=50mA 0.15 0.4 V DC current gain hFE VCE= 3V, IC= 100mA 82 390 Collector output capacitance Cob VCB= 10V, IE= 0,f=1MHz 15 pF Transition frequency fT VCE= 5V, IC= -50mA,f=100MHz 150 MHz V uA Type 2SD1664-P 2SD1664-Q 2SD1664-R Range 82-180 120-270 180-390 Marking DAP* DAQ* DAR* |
Similar Description - 2SD1664-P |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |