| Electronic Components Datasheet Search |
|
L44 Marking, BAT54S Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
||||||||||||||||||||||||||||||
BAT54S Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
1 / 3 page ![]() BAT54/A/C/S SOT-23 1 / 3 www.yfwdiode.com Dongguan YFW Electronics Co, Ltd. Features Low forward voltage Guard ring protected Small plastic SMD package. Absolute Maximum Ratings Ta = 25 ti n U g n it a R l o b m y S r e t e m a r a P Maximum Repetitive Reverse Voltage VRRM 30 V I t n e r r u C d r a w r o F d e if it c e R e g a r e v A F(AV) 200 mA Non-repetitive Peak Forward Surge Current Pulse width = 1.0 second P n o it a p i s s i D r e w o P D 200 mW Thermal Resistance, Junction to Ambient RθJA 430 W T e g n a R e r u t a r e p m e T e g a r o t S stg -55 to +150 T e r u t a r e p m e T n o it c n u J g n it a r e p O J 150 IFSM 600 mA Electrical Characteristics Ta = 25 Parameter Symbol Testconditions Min Typ Max Unit Breakdown Voltage VR IR = 100 A 30 V IF V m 0 4 2 A m 1 . 0 = IF V m 0 2 3 A m 1 = IF V m 0 0 4 A m 0 1 = IF V m 0 0 5 A m 0 3 = IF V 8 . 0 A m 0 0 1 = I t n e r r u C e s r e v e R R VR 2 V 5 2 = A Total Capacitance CT VR F p 0 1 z H M 0 . 1 = f , V 1 = Reverse Recovery Time trr IF = IR = 10 mA, IRR = 1.0 mA,RL s n 5 Ω 0 0 1 = V e g a tl o V d r a w r o F F Marking TYPE BAT54 BAT54A BAT54C BAT54S Marking L4 L42 or KL2 L43 or KL3 L44 or KL4 S 4 5 T A B C 4 5 T A B A 4 5 T A B 4 5 T A B Schottky Diodes 1 2 3 ■ Simplified outline(SOT-23) |
Similar Description - BAT54S |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |