| Electronic Components Datasheet Search |
|
TLC2274I Marking, TLC2274IDRG4 Datasheet(PDF) 17 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
TLC2274IDRG4 Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 55 page ![]() 1 −1 −3 −5 0 250 3 5 500 750 1000 VID − Differential Input Voltage − µV − 1000 − 750 − 250 − 500 VDD = ± 5 V TA = 25°C RL = 10 kΩ VIC = 0 V 0.1 1 0.1 1 10 100 10 100 1000 RL − Load Resistance − kΩ VO = ± 1 V TA = 25°C VDD = ± 5 V VDD = 5 V − 5 − 75 −50 −25 0 25 50 75 100 125 − 1 − 3 7 11 15 TA − Free-Air Temperature − °C VID = 100 mV VID = − 100 mV VO = 0 V VDD = ± 5 V 3 2 1 0 800 4 5 1200 VID − Differential Input Voltage − µV − 800 −400 400 0 VDD = 5 V TA = 25°C RL = 10 kΩ VIC = 2.5 V 4 0 2 3 4 8 12 16 5 6 7 8 |VDD ±| − Supply Voltage − V VID = 100 mV VO = 0 V TA = 25°C − 8 VID = −100 mV − 4 2 1 0 10 k 100 k 1 M 3 f − Frequency − Hz 4 10 M 6 5 7 8 9 10 VDD = 5 V VDD = ± 5 V RL = 10 kΩ TA = 25°C 17 TLC2272, TLC2272A, TLC2272M, TLC2272AM TLC2274, TLC2274A, TLC2274M, TLC2274AM www.ti.com SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016 Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM Submit Documentation Feedback Copyright © 1997–2016, Texas Instruments Incorporated Figure 19. Maximum Peak-to-Peak Output Voltage vs Frequency Figure 20. Short-Circuit Output Current vs Supply Voltage Figure 21. Short-Circuit Output Current vs Free-Air Temperature Figure 22. Output Voltage vs Differential Input Voltage Figure 23. Output Voltage vs Differential Input Voltage Figure 24. Large-Signal Differential Voltage Amplification vs Load Resistance |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |