| Electronic Components Datasheet Search |
|
2X Marking, MMBT4401 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
||||||||||||||||||||||||||||||
MMBT4401 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
1 / 3 page ![]() MMBT4401 SOT-23 1 / 3 www.yfwdiode.com Dongguan YFW Electronics Co, Ltd. ■ Features ● Ideal for Medium Power Amplification and Switching ● Complementary PNP Type Available (MMBT4403) ■ Absolute Maximum Ratings Ta = 25℃ Parameter Symbol Rating Unit Collector-base voltage VCBO 60 V Collector-emitter voltage VCEO 40 V Emitter-base voltage VEBO 6.0 V Collector current IC 600 mA Total Device Dissipation Alumina Substrate PD 300 mW Thermal Resistance, Junction to Ambient RθJA 417 ℃ /W Junction and Storage Temperature TJ, Tstg -55 to150 ℃ ■ Electrical Characteristics Ta = 25℃ * Pulse test: pulse width ≤ 300 μs, duty cycle ≤ 2.0%. 2X ■ Marking Marking Parameter Symbol Test conditions Min Typ Max Unit Collector-base breakdown voltage V(BR)CBO IC = 100μA, IE = 0 60 V Collector-emitter breakdown voltage V(BR)CEO IC = 1.0 mA, IB = 0 40 V Emitter-base breakdown voltage V(BR)EBO IE =100μA, IC = 0 6.0 V Collector cut-off current ICBO VCB=50 V, IE=0 0.1 μA Emitter cut-off current IEBO VEB=5V, IC=0 0.1 μA DC current gain * hFE IC = 0.1 mA, VCE = 1.0 V IC = 1.0 mA, VCE = 1.0 V IC = 10 mA, VCE = 1.0 V IC = 150 mA, VCE = 1.0 V IC = 500 mA, VCE = 2.0 V 20 40 80 100 40 300 IC = 150 mA, IB = 15 mA 0.4 IC = 500 mA, IB = 50 mA 0.75 IC = 150 mA, IB = 15 mA 0.95 IC = 500 mA, IB = 50 mA 1.2 Transition frequency fT IC = 20 mA, VCE = 10 V, f = 100 MHz 250 MHz Delay time td VCC = 30 V, VEB = 2.0 V, 15 ns Rise time tr IC = 150 mA, IB1 = 15 mA 20 ns Storage time ts VCC = 30 V, IC = 150 mA, 225 ns Fall time tf IB1 = IB2 = 15 mA 30 ns V V Collector-emitter saturation voltage * Base-emitter saturation voltage * VCE(sat) VBE(sat) 0.75 NPN Transistors 1 2 3 1.Base 2.Emitter 3.Collector ■ Simplified outline(SOT-23) ■ |
Similar Description - MMBT4401 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |