| Electronic Components Datasheet Search |
|
U2MB Marking, US2MBF Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
||||||||||||||||||||||||||||||
US2MBF Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
1 / 3 page ![]() US2ABF THRU US2MBF SMBF 1 / 3 www.yfwdiode.com Dongguan YFW Electronics Co, Ltd. Surface Mount Ultrafast Recovery Rectifier Reverse Voltage - 50 to 1000 V Forward Current - 2 A FEATURES For surface mounted applications Low profile package Glass Passivated Chip Junction High efficiency Lead free in comply with EU RoHS 2011/65/EU directives MECHANICAL DATA Case: SMBF Terminals: Solderable per MIL-STD-750, Method 2026 Approx. Weight: 57mg / 0.002oz Pinning 1.Cathode 2.Anode 1 2 SMBF Maximum Ratings and characteristics Ratings at 25 °C ambient temperature unless otherwise specified. Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %. Parameter Symbols US2AF US2BF US2DF US2GF US2JF US2KF US2MF Units Maximum Repetitive Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified Current at Tc = 125 °C IF(AV) 2 A Peak Forward Surge Current 8.3 ms Single Half Sine Wave Superimposed on Rated Load IFSM 55 A Maximum Instantaneous Forward Voltage at 2 A VF 0.95 1.25 1.65 V Maximum DC Reverse Current Ta = 25 °C at Rated DC Blocking Voltage Ta=125 °C IR 5 100 μA Maximum Reverse Recovery Time(1) Trr 50 75 nS Typical Thermal Resistance (2) RθJA/ RθJC 60/18 °C/W Operating and Storage Temperature Range Tj, Tstg -55 ~ +150 °C ( 1)Measured with IF=0.5A,IR=1A,In=0.25A ( 2)P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas. Marking Code US2ABF U2AB US2BBF U2BB US2DBF U2DB US2GBF U2GB US2JBF U2JB US2KBF U2KB US2MBF U2MB |
Similar Description - US2MBF |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |