| Electronic Components Datasheet Search |
|
7C Marking, MM3Z2V4B Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
||||||||||||||||||||||||||||||
MM3Z2V4B Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
2 / 4 page ![]() MM3Z2V2B~MM3Z39B Characteristics at Ta = 25 OC Type Marking Code Zener Voltage Range 1) Dynamic Impedance Reverse Leakage Current Vznom lZT for VZT ZZT (Max.) at IZT IR (Max.) at VR V mA V Ω mA μA V MM3Z2V2B MF 2.2 5 2.1...2.4 100 5 120 0.7 MM3Z2V4B 7C 2.4 5 2.3…2.65 100 5 120 1 MM3Z2V7B 7D 2.7 5 2.65…2.95 110 5 120 1 MM3Z3V0B 7E 3.0 5 2.95…3.25 120 5 50 1 MM3Z3V3B 7F 3.3 5 3.25…3.55 120 5 20 1 MM3Z3V6B 7H 3.6 5 3.6…3.845 100 5 10 1 MM3Z3V9B 7J 3.9 5 3.89…4.16 100 5 5 1 MM3Z4V3B 7K 4.3 5 4.17…4.43 100 5 5 1 MM3Z4V7B 7M 4.7 5 4.55…4.75 100 5 2 1 MM3Z5V1B 7N 5.1 5 4.98…5.2 80 5 2 1.5 MM3Z5V6B 7P 5.6 5 5.49…5.73 60 5 1 2.5 MM3Z6V2B 7R 6.2 5 6.06…6.33 60 5 1 3 MM3Z6V8B 7X 6.8 5 6.65…6.93 40 5 0.5 3.5 MM3Z7V5B 7Y 7.5 5 7.28…7.6 30 5 0.5 4 MM3Z8V2B 7Z 8.2 5 8.02…8.36 30 5 0.5 5 MM3Z9V1B 8A 9.1 5 8.85…9.23 30 5 0.5 6 MM3Z10B 8B 10 5 9.77…10.21 30 5 0.1 7 MM3Z11B 8C 11 5 10.76…11.22 30 5 0.1 8 MM3Z12B 8D 12 5 11.74…12.24 30 5 0.1 9 MM3Z13B 8E 13 5 12.91…13.49 37 5 0.1 10 MM3Z15B 8F 15 5 14.34…14.98 42 5 0.1 11 MM3Z16B 8H 16 5 15.85…16.51 50 5 0.1 12 MM3Z18B 8J 18 5 17.56…18.35 65 5 0.1 13 MM3Z20B 8K 20 5 19.52…20.39 85 5 0.1 15 MM3Z22B 8M 22 5 21.54…22.47 100 5 0.1 17 MM3Z24B 8N 24 5 23.72…24.78 120 5 0.1 19 MM3Z27B 8P 27 5 26.19…27.53 150 5 0.1 21 MM3Z30B 8R 30 5 29.19…30.69 200 5 0.1 23 MM3Z33B 8X 33 5 32.15…33.79 250 5 0.1 25 MM3Z36B 8Y 36 5 35.07…36.87 300 5 0.1 27 MM3Z39B 8Z 39 5 37…41 100 5 2 30 1) V Z is tested with pulses (20 ms). Rev : www.leiditech.com 01.06.2015 2/4 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |