| Electronic Components Datasheet Search |
|
J3Y Marking, S8050 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd. |
|
||||||||||||||||||||||||||||||
S8050 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd. |
|
2 / 5 page ![]() 8050 S Symbol Unit Conditions Min Max Collector-Emitter Breakdown Voltage V(BR)CEO Collector-Base Breakdown Voltage V(BR)CBO Emitter-Base Breakdown Voltage V(BR)EBO Collector cut-off Current ICBO Collector cut-off Current ICEO Emitter cut-off Current IEBO Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage JINAN JINGHENG ELECTRONICS CO., LTD. -2 HTTP://WWW.JINGHENG.CN 5 ELECTRICAL CHARACTERISTICS () T 25 C Unless otherwise specified A = ° V V V nA nA nA DC Current Gain Output Capacitance Input Capacitance Current Gain-Bandwidth Product Noise Figure VCE sat () VBE sat () Cob Cib fT NF V V pF pF MHZ dB I1 0mA I 0 CB =. , = 25 --- I 100 A I 0 CE =, = μ 40 --- I 100 A I 0 EC =, = μ 5 --- V 40V I 0 CB =, = E --- 100 V 20V I 0 CE =, = B --- 100 V5V Ic 0 EB =, = --- 100 I 20mA V =6V CCE =, I 50mA V 1 0V CCE =, = . 120 I 500mA V 1 0V CCE =, = . 50 400 I 10mA I 1 0mA CB =, = . --- I 500mA I 50mA CB =, = --- 06 . I 10mA I 1 0mA CB =, = . I 500mA I 50mA CB =, = --- --- 12 . V6V f 1 0MH I 0 CB E =, = , = . Z --- V 0 5V f 1 0MH I 0 EB C =. , = , = . Z --- f 30MH = Z 150 --- V 5 0V f 1 0kH CE =. , = . , Z = I 100 A R 1 0K CS μ ,= . --- I1mA V 1 0V CCE =, = . --- --- Rank LH Range 120 200 - 200 350 - J 300 400 - --- --- --- --- --- Parameter --- AVAILABALE PACK INFORMATION Product code Quantity (Pcs/reel) Reel Size (mm) Quantity ( /carton) pcs S8050 3K Φ180 30K T/R Pack Quantity ( /box) pcs 120K CLASSIFICATION OF h FE 1() hFE hFE(1) hFE(2) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |