| Electronic Components Datasheet Search |
|
A1SHB Marking, LCE2301B Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
||||||||||||||||||||||||||||||
LCE2301B Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
1 / 3 page ![]() FEATURE TrenchFET Power MOSFET APPLICATION z Load Switch for Portable Devices z DC/DC Converter Maximum ratings (Ta=25 ℃ unless otherwise noted) Parameter Symbol Value Unit Drain-Source Voltage VDS -19 Gate-Source Voltage VGS ±10 V Continuous Drain Current (TJ=150 ℃) ID -2.5 Pulsed Drain Current IDM -10 Continuous Source-Drain Diode Current IS -0.72 A Maximum Power Dissipation PD 0. 35 W Thermal Resistance from Junction to Ambient(t 5s) R JA 357 ℃/W Junction Temperature TJ 150 Storage Temperature Tstg -55 ~ +150 ℃ θ ≤ MARKING Equivalent Circuit V(BR)DSS RDS(on)MAX ID mΩ@-4.5V mΩ@-2.5V SOT-23 1. GATE 2. SOURCE 3. DRAIN 100 130 2.5A A1SHB -19V LCE P-Channel Enhancement Mode Power MOSFET LCE2301B Rev : www.leiditech.com 01.06.2018 1/3 |
Similar Description - LCE2301B |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |