| Electronic Components Datasheet Search |
|
J3Y Marking, S8050 Datasheet(PDF) 1 Page - Rectron Semiconductor |
|
||||||||||||||||||||||||||||||
S8050 Datasheet(HTML) 1 Page - Rectron Semiconductor |
|
1 / 3 page ![]() Silicon NPN SMD triode 1 base 2 emitter 3 collector Ouline example SOT-23 Small and medium-sized power amplifier , medium power drive and switching applications HFE(1) :Classification Rank L H J Range 120-200 200-350 300-400 Marking J3Y Maximum ratings(Ta=25 unless otherwise noted) Parameter Symbol Value Unit Collector-Base Breakdown Voltage VCBO 40 V Collector-Emitter Breakdown Voltage VCEO 25 V Emitter-Base Breakdown Voltage VEBO 5V Collector Current IC 500 mA Collector Power Dissipation PC 300 mW Junction Temperature TJ 150 Storage Temperature Tstg Electrical Characteristics (Ta=25 unless otherwise noted) Parameter Symbol Test Condition Min Max Unit Collector-Base Breakdown Voltage VCBO IC=100uA IE=0 40 V Collector-Emitter Breakdown Voltage VCEO IC=1mA IB=0 25 V Emitter-Base Breakdown Voltage VEBO IE=100uA IC=0 5 V Collector Cutoff Current ICBO VCB=40V IE=0 100 nA Collector Cutoff Current ICEO VCE=20V IB=0 100 nA Emitter Cutoff Current IEBO VCE=5V IC=0 100 nA DC Current Gain HFE(1) VCE=1V IC=50mA 120 400 HFE(2) VCE=1V IC=500mA 50 Collector-Emitter Saturation Voltage VCE(sat) IC=500mA IB=50mA 0.6 V Collector-Base Saturation Voltage VBE(sat) IC=500mA IB=50mA 1.2 V transition frequency fT VCE=6V IC=20mA f=30MHz 150 MHz S8050 P/N suffix V means AEC-Q101 qualified, e.g:S8050V P/N suffix V means Halogen-free 20 REV:A 19-07/17 |
Similar Description - S8050 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |