| Electronic Components Datasheet Search |
|
A09T Marking, LM3400A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
||||||||||||||||||||||||||||||
LM3400A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
1 / 5 page ![]() LM3400A 30V N-Channel Enhancement Mode MOSFET Description General Features ● Application ● ● ● Package Marking and Ordering Information Device Marking Device Device Package Reel Size Tape width Quantity A09T LM3400A SOT-23 3000 units Dimensions SOT-23 Pin Configuration www.leiditech.com Absolute Maximum Ratings (TC=25℃unless otherwise noted) - Rev : 01.0 .2021 / 1 5 5 - The LM3400A uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a Battery protection or in other Switching application. VDS = 30V ID =5.8A RDS(ON) < 28mΩ @ VGS=10V Lithium battery protection Wireless impact Mobile phone fast charging Symbol Parameter Rating Units VDS Drain-Source Voltage 30 V VGS Gate-Source Voltage ±12 V ID@TA=25℃ Continuous Drain Current 5.8 A ID@TA=70℃ Continuous Drain Current 4.9 A IDM Pulsed Drain Current2 20 A PD@TA=25℃ Total Power Dissipation3 1 W TSTG Storage Temperature Range -55 to 150 ℃ TJ Operating Junction Temperature Range -55 to 150 ℃ RθJA Thermal Resistance Junction-ambient 1 125 ℃/W RθJA Thermal Resistance Junction-Ambient 1 (t ≤10s) 85 ℃/W |
Similar Description - LM3400A |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |