| Electronic Components Datasheet Search |
|
UZ Marking, MM3Z33VB Datasheet(PDF) 2 Page - ON Semiconductor |
|
||||||||||||||||||||||||||||||
MM3Z33VB Datasheet(HTML) 2 Page - ON Semiconductor |
|
2 / 7 page ![]() MM3Z2V4B−MM3Z75VB www.onsemi.com 2 PRODUCT TABLE (TA = 25°C unless otherwise noted) Device Type Device Marking VZ (V) @ IZT ZZT(∧) @ IZT IZT (mA) ZZK(∧) @ IZK IZK (mA) IR (mA) @ VR VR (V) Min Typ Max Max − Max − Max − MM3Z2V4B 0Z 2.35 2.4 2.45 94 5 564 1 45 1 MM3Z2V7B 1Z 2.65 2.7 2.75 94 5 564 1 18 1 MM3Z3V0B 2Z 2.94 3.0 3.06 89 5 564 1 9 1 MM3Z3V3B 3Z 3.23 3.3 3.37 89 5 564 1 4.5 1 MM3Z3V6B 4Z 3.53 3.6 3.67 84 5 564 1 4.5 1 MM3Z3V9B 5Z 3.82 3.9 3.98 84 5 564 1 2.7 1 MM3Z4V3B 6Z 4.21 4.3 4.39 84 5 564 1 2.7 1 MM3Z4V7B 7Z 4.61 4.7 4.79 75 5 470 1 2.7 2 MM3Z5V1B 8Z 5.00 5.1 5.20 56 5 451 1 1.8 2 MM3Z5V6B 9Z 5.49 5.6 5.71 37 5 376 1 0.9 2 MM3Z6V2B AZ 6.08 6.2 6.32 9 5 141 1 2.7 4 MM3Z6V8B BZ 6.66 6.8 6.94 14 5 75 1 1.8 4 MM3Z7V5B CZ 7.35 7.5 7.65 14 5 75 1 0.9 5 MM3Z8V2B DZ 8.04 8.2 8.36 14 5 75 1 0.63 5 MM3Z9V1B EZ 8.92 9.1 9.28 14 5 94 1 0.45 6 MM3Z10VB FZ 9.80 10 10.20 18 5 141 1 0.18 7 MM3Z11VB GZ 10.78 11 11.22 18 5 141 1 0.09 8 MM3Z12VB HZ 11.76 12 12.24 23 5 141 1 0.09 8 MM3Z13VB JZ 12.74 13 13.26 28 5 160 1 0.09 8 MM3Z15VB KZ 14.70 15 15.30 28 5 188 1 0.045 10.5 MM3Z16VB LZ 15.68 16 16.32 37 5 188 1 0.045 11.2 MM3Z18VB MZ 17.64 18 18.36 42 5 212 1 0.045 12.6 MM3Z20VB NZ 19.60 20 20.40 51 5 212 1 0.045 14.0 MM3Z22VB PZ 21.56 22 22.44 51 5 235 1 0.045 15.4 MM3Z24VB RZ 23.52 24 24.48 65 5 235 1 0.045 16.8 MM3Z27VB SZ 26.46 27 27.54 75 2 282 0.5 0.045 18.9 MM3Z30VB TZ 29.40 30 30.60 75 2 282 0.5 0.045 21.0 MM3Z33VB UZ 32.34 33 33.66 75 2 306 0.5 0.045 23.0 MM3Z36VB VZ 35.28 36 36.72 84 2 329 0.5 0.045 25.2 MM3Z39VB WZ 38.22 39 39.78 122 2 329 0.5 0.045 27.3 MM3Z43VB XZ 42.14 43 43.86 141 2 353 0.5 0.045 30.1 MM3Z47VB YZ 46.06 47 47.94 160 2 353 0.5 0.045 33.0 MM3Z51VB _Z 49.98 51 52.02 169 2 376 0.5 0.045 35.7 MM3Z56VB =Z 54.88 56 57.12 188 2 400 0.5 0.045 39.2 MM3Z62VB 5Z 60.76 62 63.24 202 2 423 0.5 0.045 43.4 MM3Z68VB >Z 66.64 68 69.36 226 2 447 0.5 0.045 47.6 MM3Z75VB <Z 73.5 75 76.50 240 2 470 0.5 0.045 52.5 1. The Zener voltage (VZ) is tested under pulse condition of 10 mS. 2. The device numbers listed have a standard tolerance on the nominal Zener voltage of ±2%. 3. The Zener impedance is derived from the 60−cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc Zener current (IZT or IZK) is superimposed to IZT or IZK. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |