| Electronic Components Datasheet Search |
|
L43 Marking, BAT54C Datasheet(PDF) 1 Page - Vishay Siliconix |
|
||||||||||||||||||||||||||||||
BAT54C Datasheet(HTML) 1 Page - Vishay Siliconix |
|
1 / 4 page ![]() BAT54, BAT54A, BAT54C, BAT54S www.vishay.com Vishay Semiconductors Rev. 2.0, 02-Jun-17 1 Document Number: 85508 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Small Signal Schottky Diodes, Single and Dual DESIGN SUPPORT TOOLS click logo to get started FEATURES • These diodes feature very low turn-on voltage and fast switching • These devices are protected by a PN junction guard ring against excessive voltage, such as electrostatic discharges • AEC-Q101 qualified available • Base P/N-E3 - RoHS-compliant, commercial grade • Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 MECHANICAL DATA Case: SOT-23 Weight: approx. 8.8 mg Packaging codes/options: 18/10K per 13" reel (8 mm tape), 10K/box 08/3K per 7" reel (8 mm tape), 15K/box Note (1) Device on fiberglass substrate, see layout on next page Top View Top View BAT54 BAT54C BAT54A BAT54S 1 3 1 3 1 3 1 2 2 2 2 3 Available Models PARTS TABLE PART ORDERING CODE CIRCUIT CONFIGURATION TYPE MARKING REMARKS BAT54 BAT54-E3-08 or BAT54-E3-18 Single L4 Tape and reel BAT54-HE3-08 or BAT54-HE3-18 BAT54A BAT54A-E3-08 or BAT54A-E3-18 Common anode L42 BAT54A-HE3-08 or BAT54A-HE3-18 BAT54C BAT54C-E3-08 or BAT54C-E3-18 Common cathode L43 BAT54C-HE3-08 or BAT54C-HE3-18 BAT54S BAT54S-E3-08 or BAT54S-E3-18 Dual serial L44 BAT54S-HE3-08 or BAT54S-HE3-18 ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Repetitive peak reverse voltage VRRM 30 V Forward continuous current (1) IF 200 mA Repetitive peak forward current (1) IFRM 300 mA Surge forward current (1) tp < 1 s IFSM 600 mA Power dissipation Ptot 230 mW THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Thermal resistance junction to ambient air Device on fiberglass substrate, see layout on next page RthJA 430 K/W Junction temperature Tj 125 °C Storage temperature range Tstg -65 to +150 °C Operating temperature range Top -55 to +125 °C |
Similar Description - BAT54C |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |