| Electronic Components Datasheet Search |
|
L44 Marking, BAT54S Datasheet(PDF) 2 Page - Vishay Siliconix |
|
||||||||||||||||||||||||||||||
BAT54S Datasheet(HTML) 2 Page - Vishay Siliconix |
|
2 / 4 page ![]() BAT54, BAT54A, BAT54C, BAT54S www.vishay.com Vishay Semiconductors Rev. 2.0, 02-Jun-17 2 Document Number: 85508 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 LAYOUT FOR RthJA TEST Thickness: Fiberglas 15 mm (0.059") Copper leads 0.3 mm (0.012") TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) Fig. 1 - Typical Forward Voltage Forward Current vs. Various Temperatures Fig. 2 - Diode Capacitance vs. Reverse Voltage VR ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT Reserve breakdown voltage IR = 100 μA (pulsed) V(BR) 30 V Leakage current Pulsed test tp < 300 μs, δ <2 % at VR = 25 V IR 2μA Forward voltage IF = 0.1 mA, tp < 300 μs, δ < 2 % VF 240 mV IF = 1 mA, tp < 300 μs, δ < 2 % VF 320 mV IF = 10 mA, tp < 300 μs, δ < 2 % VF 400 mV IF = 30 mA, tp < 300 μs, δ < 2 % VF 500 mV IF = 100 mA, tp < 300 μs, δ < 2 % VF 800 mV Diode capacitance VR = 1 V, f = 1 MHz CD 10 pF Reserve recovery time IF = 10 mA to IR = 10 mA, iR = 1 mA, RL = 100 Ω trr 5ns 17451 15 (0.59) 12 (0.47) 0.8 (0.03) 5 (0.2) 7.5 (0.3) 3 (0.12) 1 (0.4) 1 (0.4) 2 (0.8) 2 (0.8) 1.5 (0.06) 5.1 (0.2) 18867 1000 100 10 1 0.1 0.01 0 0.4 0.6 1.2 1.4 0.8 1 0.2 VF - Forward Voltage (V) = 125 °C Tj 25 °C - 40 °C 18868 10 14 12 2 4 0 0 4 12 16 20 24 28 VR - Reverse Voltage (V) 6 8 8 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |