| Electronic Components Datasheet Search |
|
A09T Marking, YFW3400AI Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
||||||||||||||||||||||||||||||
YFW3400AI Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
2 / 5 page ![]() YFW3400A 2 / 5 www.yfwdiode.com GuangDong YFW Electronics Co, Ltd. Maximum Ratings at Tc=25°C unless otherwise specified Characteristics Test Condition Symbols Min Typ Max Units Drain-Source Breakdown Voltage VGS=0V, ID=250uA BVDSS 30 33 - V BVDSS Temperature Coefficient Reference to 25℃ , ID=1mA △BVDSS/△TJ - 0.029 - V/°C Static Drain-Source On-Resistance 2 VGS=10V, ID=5.8A RDS(ON) - 20 28 mΩ VGS=4.5V, ID=5A - 24 32 VGS=2.5V, ID=4A 31 55 Gate -Threshold Voltage VDS=VGS, ID=250uA VGS(th) 0.5 0.85 1.2 V VGS(th) Temperature Coefficient △VGS(th) - -2.82 - mV/°C Drain-Source Leakage Current VDS=24V , VGS=0V , TJ=25℃ IDSS - - 1 μA VDS=24V , VGS=0V , TJ=55℃ - - 5 Gate –Source Leakage Current VGS=±12V, VDS=0V IGSS - - ±100 nA Forward Transconductance VDS=5V , ID=5A gfs - 25 - S Gate Resistance VDS=0V , VGS=0V , f=1MHz Rg - 1.5 - Ω Total Gate Charge(4.5V) VDS=15V VGS=4.5V ID=5.8A Qg - 11.5 - nC Gate-Source Charge Qgs - 1.6 - Gate-Drain Charge Qgd - 2.9 - Turn-on delay time VDD =15V VGS=10V ID= 5A RG=3Ω td(on) - 5 - ns Rise Time Tr - 47 - Turn-Off Delay Time td(OFF) - 26 - Fall Time tf - 8 - Input Capacitance VDS=15V VGS=0V f=1.0MHz Ciss - 860 - PF Output Capacitance Coss - 84 - Reverse Transfer Capacitance Crss - 70 - Continuous Source Current 1,4 VG=VD=0V , Force Current IS - - 5.8 A Diode Forward Voltage 2 VGS=0V , IS=1A , TJ=25℃ VSD - - 1.2 V Note : 1、.The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper. 2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2% 3、The power dissipation is limited by 150℃ junction temperature 4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation. Rev:2021Y1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |