| Electronic Components Datasheet Search |
|
LM324 Marking, LM324D Datasheet(PDF) 1 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
LM324D Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 47 page ![]() LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers 1 Features • Wide supply range: – 3 V to 36 V (B, BA versions) – 3 V to 30 V (LMx24, LM2902V) • Low input offset voltage maximum at 25°C: – 2 mV (BA versions LM2902A, LM124A) – 3 mV (B versions LMx24xA) • Low input bias current maximum at 25°C: – 35 nA (B, BA versions) • 2-kV ESD protection (HBM) (B, BA, K versions) • Internal RF and EMI filter (B, BA versions) • Low quiescent current of 175-μA/ch typical • Common-mode input voltage range includes VCC– • Differential input voltage range equal to maximum- rated supply voltage • Open-loop differential voltage amplification: 100-V/mV typical • On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. 2 Applications • Merchant network and server power supply units • Multi-function printers • Power supplies and mobile chargers • Motor control: AC induction, brushed DC, brushless DC, high-voltage, low-voltage, permanent magnet, and stepper motor • Desktop PC and motherboard • Indoor and outdoor air conditioners • Washers, dryers, and refrigerators • AC inverters, string inverters, central inverters, and voltage frequency drives • Uninterruptible power supplies • Electronic point-of-sale systems 3 Description These devices consist of four independent, high-gain, frequency-compensated, operational amplifiers that are designed specifically to operate from a single supply or split supply over a wide range of voltages. Device Information PART NUMBER(1) PACKAGE BODY SIZE (NOM) LM324B(2), LM324BA(2), LM2902B(2), LM2902BA(2), LM324, LM324A, LM324K, LM324KA, LM2902, LM2902K, LM2902KV, LM2902KAV, LM224, LM224A, LM224K, LM224KA, LM124 SOIC (14) 8.65 mm × 3.91 mm LM324B(2), LM324BA(2), LM2902B(2), LM2902BA(2), LM324, LM324A, LM324K, LM324KA, LM2902, LM2902K, LM2902KV, LM2902KAV, LM124 TSSOP (14) 5.00 mm × 4.40 mm LM324, LM324A, LM324K, LM324KA, LM2902, LM2902K, LM224, LM224A, LM224K, LM224KA PDIP (14) 19.30 mm × 6.35 mm LM324, LM324A, LM324K, LM324KA, LM2902, LM2902K SO (14) 9.20 mm × 5.30 mm LM324A, LM2902K SSOP (14) 6.20 mm × 5.30 mm LM124A CDIP (14) 19.56 mm × 6.67 mm CFP (14) 9.21 mm × 5.97 mm LCCC (20) 8.90 mm × 8.90 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. (2) This product is preview only. Family Comparison SPECIFICATION LM324B LM324BA LM2902B LM2902BA LM324 LM324A LM324K LM324KA LM2902 LM2902K LM2902KV LM2902KAV LM224 LM224A LM224K LM224KA LM124 LM124A Units Supply voltage 3 to 36 3 to 36 3 to 30 3 to 30 3 to 26 3 to 26 3 to 30 3 to 30 3 to 30 3 to 30 3 to 30 V Offset voltage (max, 25°C) ± 3 ± 2 ± 3 ± 2 ± 7 ± 3 ± 7 ± 3 ± 7 ± 7 ± 7 ± 2 ± 5 ± 3 ± 5 ± 3 ± 5 ± 2 mV Input bias current (typ / max) 10 / 35 10 / 35 20 / 250 15 / 100 20 / 250 15 / 100 20 / 250 20 / 250 20 / 150 15 / 80 20 / 150 15 / 80 20 / 150 20 / 50 nA ESD (HBM) 2000 2000 500 2000 500 2000 500 2000 500 V Operating ambient temperature −40 to 85 −40 to 125 0 to 70 0 to 70 −40 to 125 −40 to 125 −25 to 85 −25 to 85 −55 to 125 °C LM124, LM124A, LM224, LM224A, LM224K, LM224KA LM324, LM324A, LM324B, LM324K, LM324KA LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV SLOS066X – SEPTEMBER 1975 – REVISED MAY 2022 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Similar Description - LM324D |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |