| Electronic Components Datasheet Search |
|
LM324 Marking, LM324NSR Datasheet(PDF) 11 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
LM324NSR Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 47 page ![]() 6.8 Electrical Characteristics for LM2902 and LM2902V at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS(1) TA (2) LM2902 LM2902V UNIT MIN TYP(3) MAX MIN TYP(3) MAX VIO Input offset voltage VCC = 5 V to MAX, VIC = VICRmin, VO = 1.4 V Non-A-suffix devices 25°C 3 7 3 7 mV Full range 10 10 A-suffix devices 25°C 1 2 Full range 4 ΔVIO/ΔT Input offset voltage temperature drift RS = 0 Ω Ful range 7 μV/°C IIO Input offset current VO = 1.4 V 25°C 2 50 2 50 nA Full range 300 150 ΔIIO/ΔT Input offset voltage temperature drift Ful range 10 pA/°C IIB Input bias current VO = 1.4 V 25°C –20 –250 –20 –250 nA Full range –500 –500 VICR Common-mode input voltage range VCC = 5 V to MAX 25°C 0 to VCC – 1.5 0 to VCC – 1.5 V Full range 0 to VCC – 2 0 to VCC – 2 VOH High-level output voltage RL = 10 kΩ 25°C VCC – 1.5 VCC – 1.5 V VCC = MAX RL = 2 kΩ Full range 22 26 RL ≥ 10 kΩ Full range 23 24 27 VOL Low-level output voltage RL ≤ 10 kΩ Full range 5 20 5 20 mV AVD Large-signal differential voltage amplification VCC = 15 V, VO = 1 V to 11 V, RL ≥ 2 kΩ 25°C 25 100 25 100 V/mV Full range 15 15 CMRR Common-mode rejection ratio VIC = VICRmin 25°C 50 80 60 80 dB kSVR Supply-voltage rejection ratio (ΔVCC /ΔVIO) 25°C 50 100 60 100 dB VO1/ VO2 Crosstalk attenuation f = 1 kHz to 20 kHz 25°C 120 120 dB IO Output current VCC = 15 V, VID = 1 V, VO = 0 Source 25°C –20 –30 –60 –20 –30 –60 mA Full range –10 –10 VCC = 15 V, VID = –1 V, VO = 15 V Sink 25°C 10 20 10 20 Full range 5 5 VID = –1 V, VO = 200 mV 25°C 30 12 40 μA IOS Short-circuit output current VCC at 5 V, VO = 0, VCC- at –5 V 25°C ±40 ±60 ±40 ±60 mA ICC Supply current (four amplifiers) VO = 2.5 V, no load Full range 0.7 1.2 0.7 1.2 mA VCC = MAX, VO = 0.5 VCC, no load Full range 1.4 3 1.4 3 (1) All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for testing purposes is 26 V for LM2902 and 32 V for LM2902V. (2) Full range is –40°C to +125°C for LM2902. (3) All typical values are at TA = 25°C. www.ti.com LM124, LM124A, LM224, LM224A, LM224K, LM224KA LM324, LM324A, LM324B, LM324K, LM324KA LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV SLOS066X – SEPTEMBER 1975 – REVISED MAY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 11 Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |