| Electronic Components Datasheet Search |
|
LM324 Marking, LM324DG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
LM324DG4 Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 53 page ![]() 6.6 Electrical Characteristics - LM2902B and LM2902BA For VS = (V+) – (V–) = 5 V to 36 V (±2.5 V to ±18 V), at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10k connected to VS / 2 (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT OFFSET VOLTAGE VOS Input offset voltage LM2902B ±0.6 ±3.0 mV TA = –40°C to 125°C ±4.0 LM2902BA ±0.3 ±2 TA = –40°C to 125°C 2.5 dVOS/dT Input offset voltage drift RS = 0 Ω TA = –40°C to 125°C ±7 μV/°C PSRR Input offset voltage versus power supply 65 100 dB Channel separation f = 1 kHz to 20 kHz 120 dB INPUT VOLTAGE RANGE VCM Common-mode voltage range VS = 3 V to 36 V V– (V+) – 1.5 V VS = 5 V to 36 V TA = –40°C to 125°C V– (V+) – 2 CMRR Common-mode rejection ratio (V–) ≤ VCM ≤ (V+) – 1.5 V VS = 3 V to 36 V 70 80 dB (V–) ≤ VCM ≤ (V+) – 2 V VS = 5 V to 36 V TA = –40°C to 125°C 65 80 INPUT BIAS CURRENT IB Input bias current -10 -35 nA TA = –40°C to 125°C -50 dIOS/dT Input offset current drift TA = –40°C to 125°C 10 pA/°C IOS Input offset current ±0.5 ±4 nA TA = –40°C to 125°C ±5 dIOS/dT Input offset current drift TA = –40°C to 125°C 10 pA/°C NOISE EN Input voltage noise f = 0.1 to 10 Hz 3 μVPP eN Input voltage noise density RS = 100 Ω, VI = 0 V, f = 1 kHz (see Figure 7-2 for test circuit) 35 nV/√Hz INPUT CAPACITANCE ZID Differential 10 || 0.1 MΩ || pF ZICM Common-mode 4 || 1.5 GΩ || pF OPEN-LOOP GAIN AOL Open-loop voltage gain VS = 15 V, VO = 1 V to 11 V, RL ≥ 10 kΩ, connected to (V-) 50 100 V/mV TA = –40°C to 125°C 25 FREQUENCY RESPONSE GBW Gain-bandwidth product RL = 1 MΩ, CL = 20 pF (see Figure 7-1 for test circuit) 1.2 MHz SR Slew rate RL = 1 MΩ, CL = 30 pF, VI = ±10 V (see Figure 7-1 for test circuit) 0.5 V/μs Θm Phase margin G = + 1, RL = 10 kΩ, CL = 20 pF 56 ° tS Settling time To 0.1%, VS = 5 V, 2-V Step , G = +1, CL = 100 pF 4 μs Overload recovery time VIN × gain > VS 10 μs THD+N Total harmonic distortion + noise G = + 1, f = 1 kHz, VO = 3.53 VRMS, VS = 36 V, RL = 100 k, IOUT ≤ 50 µA, BW = 80 kHz 0.001% OUTPUT VO Voltage output swing from rail Positive Rail (V+) IOUT = -50 µA 1.35 1.5 V VO IOUT = -1 mA 1.4 1.6 V VO IOUT = -5 mA 1.5 1.75 V VO Negative Rail (V-) IOUT = 50 µA 100 150 mV VO IOUT = 1 mA 0.75 1 V VO VS = 5 V, RL ≤ 10 kΩ connected to (V–) TA = –40°C to 125°C 5 20 mV IO Output current VS = 15 V; VO = V-; VID = 1 V Source -20(1) -30 mA TA = –40°C to 125°C -10(1) mA VS = 15 V; VO = V+; VID = -1 V Sink 10(1) 20 mA TA = –40°C to 125°C 5(1) mA VID = -1 V; VO = (V-) + 200 mV 50 85 μA ISC Short-circuit current VS = 20 V, (V+) = 10 V, (V-) = -10 V, VO = 0 V ±40 ±60 mA CLOAD Capacitive load drive 100 pF www.ti.com LM124, LM124A, LM224, LM224A, LM224K, LM224KA LM324, LM324A, LM324B, LM324K, LM324KA LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV SLOS066Y – SEPTEMBER 1975 – REVISED OCTOBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 9 Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |