| Electronic Components Datasheet Search |
|
LM324 Marking, LM324DRE4 Datasheet(PDF) 45 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
LM324DRE4 Datasheet(HTML) 45 Page - Texas Instruments |
|
45 / 53 page ![]() www.ti.com PACKAGE OUTLINE C 14X .008-.014 [0.2-0.36] TYP -15 0 AT GAGE PLANE -.314 .308 -7.97 7.83 [ ] 14X -.026 .014 -0.66 0.36 [ ] 14X -.065 .045 -1.65 1.15 [ ] .2 MAX TYP [5.08] .13 MIN TYP [3.3] TYP -.060 .015 -1.52 0.38 [ ] 4X .005 MIN [0.13] 12X .100 [2.54] .015 GAGE PLANE [0.38] A -.785 .754 -19.94 19.15 [ ] B -.283 .245 -7.19 6.22 [ ] CDIP - 5.08 mm max height J0014A CERAMIC DUAL IN LINE PACKAGE 4214771/A 05/2017 NOTES: 1. All controlling linear dimensions are in inches. Dimensions in brackets are in millimeters. Any dimension in brackets or parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. This package is hermitically sealed with a ceramic lid using glass frit. 4. Index point is provided on cap for terminal identification only and on press ceramic glass frit seal only. 5. Falls within MIL-STD-1835 and GDIP1-T14. 7 8 14 1 PIN 1 ID (OPTIONAL) SCALE 0.900 SEATING PLANE .010 [0.25] C A B |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |