| Electronic Components Datasheet Search |
|
A1SHB Marking, IRLML6402 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
||||||||||||||||||||||||||||||
IRLML6402 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
1 / 5 page ![]() -20V P-Channel Enhancement Mode MOSFET Description General Features ● Application ● ● ● D G S Package Marking and Ordering Information Device Marking Device Device Package Reel Size Tape width Quantity A1SHB SOT-23 Ø180mm 8 mm 3000 units Dimensions SOT-23 Pin Configuration Rev : 01.0 7.2021 1/ www.leiditech.com VDS = -20V ID Battery protection Load switch Uninterruptible power supply Absolute Maximum Ratings (TC=25℃unless otherwise noted) 5 to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a Battery protection or in other Switching application. =-2.3A RDS(ON) < 150mΩ@ VGS=-4.5V Symbol Parameter Rating Units VDS Drain-Source Voltage -20 V VGS Gate-Source Voltage ±12 V ID Drain Current-Continuous -2.3 A IDM Drain Current -Pulsed (Note 1) -10 A PD Maximum Power Dissipation 0.7 W TJ,TSTG Operating Junction and Storage Temperature Range -55 To 150 ℃ RθJA Thermal Resistance,Junction-to-Ambient (Note 2) 178 ℃/W IRLML6402 The uses advanced trench technology IRLML6402 IRLML6402 |
Similar Description - IRLML6402 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |