| Electronic Components Datasheet Search |
|
A1SHB Marking, SQ2301ES Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
||||||||||||||||||||||||||||||
SQ2301ES Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
2 / 5 page ![]() Rev : 01.0 7.2021 2/ www.leiditech.com Electrical Characteristics (TJ=25℃, unless otherwise noted) 5 Symbol Parameter Condition Min Typ Max Unit BVDSS Drain-Source Breakdown Voltage VGS=0V ID=-250μA -20 - V IDSS Zero Gate Voltage Drain Current VDS=-20V,VGS=0V - - -1 μA IGSS Gate-Body Leakage Current VGS=±12V,VDS=0V - - ±100 nA VGS(th) Gate Threshold Voltage VDS=VGS,ID=-250μA -0.5 -0.7 -1.2 V RDS(ON) Drain-Source On-State Resistance VGS=-4.5V, ID=-2 A - 135 165 mΩ VGS=-2.5V, ID=-1.8A - 150 185 mΩ gFS Forward Transconductance VDS=-5V,ID=-2A 4 - - S Clss Input Capacitance VDS=-10V,VGS=0V, F=1.0MHz - 290 - PF Coss Output Capacitance - 60 - PF Crss Reverse Transfer Capacitance - 34 - PF td(on) Turn-on Delay Time VDD=-10V, RL=5Ω VGS=- 4.5V,RGEN=3Ω - 10 - nS tr Turn-on Rise Time - 5.0 - nS td(off) Turn-Off Delay Time - 21 - nS tf Turn-Off Fall Time - 7 - nS Qg Total Gate Charge VDS=-10V,ID=-2A, VGS=-4.5V - 3.0 - nC Qgs Gate-Source Charge - 0.5 - nC Qgd Gate-Drain Charge - 0.8 - nC VSD Diode Forward Voltage (Note 3) VGS=0V,IS=-2A - - -1.2 V Notes: 1、Repetitive Rating: Pulse width limited by maximum junction temperature. 2、Surface Mounted on FR4 Board, t ≤ 10 sec. 3、Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%. 4、Guaranteed by design, not subject to production SQ2301ES |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |