Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

K72 Marking, 2N7002DWQ-7-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2N7002DWQ-7-F
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002DWQ-7-F Datasheet(HTML) 2 Page - Diodes Incorporated

  2N7002DWQ-7-F Datasheet HTML 1Page - Diodes Incorporated 2N7002DWQ-7-F Datasheet HTML 2Page - Diodes Incorporated 2N7002DWQ-7-F Datasheet HTML 3Page - Diodes Incorporated 2N7002DWQ-7-F Datasheet HTML 4Page - Diodes Incorporated 2N7002DWQ-7-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N7002DWQ
Document number: DS43177 Rev. 2 - 2
2 of 5
www.diodes.com
April 2021
© Diodes Incorporated
2N7002DWQ
Maximum Ratings (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage RGS ≤ 1.0MΩ
VDGR
60
V
Gate-Source Voltage
Continuous
VGSS
±20
V
Pulsed
VGSS
±40
V
Continuous Drain Current (Note 6) VGS = 5V
Steady
State
TA = +25°C
TA = +70°C
TA = +100°C
ID
0.23
0.18
0.14
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
0.23
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
0.8
A
Thermal Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.31
W
TA = +70°C
0.2
TA = +100°C
0.12
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
410
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
0.4
W
TA = +70°C
0.25
TA = +100°C
0.15
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
318
°C/W
Thermal Resistance, Junction to Case (Note 6)
Steady State
RθJC
135
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
70
V
VGS = 0V, ID = 10µA
Zero Gate Voltage Drain Current
@ TC = +25°C
@ TC = +125°C
IDSS
1.0
500
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
±10
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1.0
2.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
@ TJ = +25°C
@ TJ = +125°C
RDS(ON)
3.2
4.4
7.5
13.5
Ω
VGS = 5.0V, ID = 0.05A
VGS = 10V, ID = 0.5A
On-State Drain Current
ID(ON)
0.5
1.0
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
gFS
80
mS
VDS = 10V, ID = 0.2A
Diode Forward Voltage
VSD
0.78
1.5
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
22
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
11
25
pF
Reverse Transfer Capacitance
Crss
2.0
5.0
pF
Turn-On Delay Time
tD(ON)
7.0
20
ns
VDD = 30V, ID = 0.2A,
RL = 150Ω, VGEN = 10V,
RGEN = 25Ω
Turn-Off Delay Time
tD(OFF)
11.0
20
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com