| Electronic Components Datasheet Search |
|
D4 Marking, BC847AM Datasheet(PDF) 11 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BC847AM Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 13 page ![]() BC847_SER All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 8 — 20 August 2012 11 of 18 NXP Semiconductors BC847 series 45 V, 100 mA NPN general-purpose transistors 9. Packing information [1] For further information and the availability of packing methods, see Section 13. [2] Valid for all available selection groups. Table 9. Packing methods The indicated -xxx are the last three digits of the 12NC ordering code.[1] Type number[2] Package Description Packing quantity 3000 5000 10000 BC847 SOT23 4 mm pitch, 8 mm tape and reel -215 - -235 BC847A BC847B BC847C BC847W SOT323 4 mm pitch, 8 mm tape and reel -115 - -135 BC847AW BC847BW BC847CW BC847T SOT416 4 mm pitch, 8 mm tape and reel -115 - -135 BC847AT BC847BT BC847CT BC847AM SOT883 2 mm pitch, 8 mm tape and reel - - -315 BC847BM BC847CM |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |