Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

7C Marking, BC847BSH Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BC847BSH
Description  45 V, 100 mA NPN/NPN general-purpose double transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC847BSH Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BC847BSH Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC847BSH Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC847BSH Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC847BSH Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC847BSH Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC847BSH Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC847BSH Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC847BSH Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC847BSH Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
BC847BSH
45 V, 100 mA NPN/NPN general-purpose double transistor
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
V(BR)CBO
collector-base
breakdown voltage
IC = 100 µA; IE = 0 A; Tamb = 25 °C
50
-
-
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = 2 mA; IB = 0 A; Tamb = 25 °C
45
-
-
V
V(BR)EBO
emitter-base
breakdown voltage
IC = 0 A; IE = 100 µA; Tamb = 25 °C
7
-
-
V
VCB = 30 V; IE = 0 A; Tamb = 25 °C
-
-
15
nA
ICBO
collector-base cut-off
current
VCB = 30 V; IE = 0 A; Tj = 150 °C
-
-
5
µA
IEBO
emitter-base cut-off
current
VEB = 7 V; IC = 0 A; Tamb = 25 °C
-
-
100
nA
hFE
DC current gain
VCE = 5 V; IC = 2 mA; Tamb = 25 °C
200
300
450
IC = 10 mA; IB = 0.5 mA; Tamb = 25 °C
-
50
100
mV
VCEsat
collector-emitter
saturation voltage
IC = 100 mA; IB = 5 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
-
200
300
mV
IC = 10 mA; IB = 0.5 mA; Tamb = 25 °C
[1]
-
750
850
mV
VBEsat
base-emitter saturation
voltage
IC = 100 mA; IB = 5 mA; Tamb = 25 °C
-
875
-
mV
VCE = 5 V; IC = 2 mA; Tamb = 25 °C
[2]
600
655
700
mV
VBE
base-emitter voltage
VCE = 5 V; IC = 10 mA; Tamb = 25 °C
[2]
-
705
770
mV
Cc
collector capacitance
VCB = 10 V; IE = 0 A; ie = 0 A; f = 1 MHz;
Tamb = 25 °C
-
1.2
-
pF
Ce
emitter capacitance
VEB = 0.5 V; IC = 0 A; ic = 0 A;
f = 1 MHz; Tamb = 25 °C
-
11
-
pF
fT
transition frequency
VCE = 5 V; IC = 10 mA; f = 100 MHz;
Tamb = 25 °C
100
-
-
MHz
VCE = 5 V; IC = 0.2 mA; RS = 2 kΩ; f =
10 Hz to 15.7 kHz; Tamb = 25 °C
-
1.7
-
dB
NF
noise figure
VCE = 5 V; IC = 0.2 mA; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz; Tamb = 25 °C
-
3.1
-
dB
[1] VBEsat decreases by about 1.7 mV/K with increasing temperature.
[2] VBE decreases by about 2 mV/K with increasing temperature.
BC847BSH
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
22 March 2021
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com